Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5246A Datasheet (PDF) 1 Page - New Jersey Semiconductor Products Inc

Part number 1N5246A
Description  Diode Zener Single 16V 10% 500mW 2-Pin DO-35
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  New Jersey Semiconductor Products Inc
Direct Link  http://njsemi.com/parts/1N5246...
Logo New Jersey Semiconductor Products Inc

1N5246A Datasheet (HTML) 1 Page - New Jersey Semiconductor Products Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
20 STERN AVE.
SPRINGFIELD, NEW JERSEY 07081
U.S.A.
TELEPHONE: (973) 376-2922
(212)227-6005
1N5221 ... 1N5281
FAX: (973) 376-8960
SILICON PLANAR ZENER DIODES
Silicon Planar Zener Diodes
Standard Zener voltage tolerance is ±20%. Add suffix "A" for
±10% tolerance and suffix "B" for ±5% tolerance. Other
tolerance, non standard and higher Zener voltages upon
request.
max. 1.90
Cathode
Mark
max. 0.520
Glass case JEDEC DO-35
Dimensions in mm
Absolute Maximum Ratings (T,= 25 °C)
Symbol
Value
Zener Current see Table " Characteristics "
Power Dissipation at T^ = 75 °C
500"
Junction Temperature
T,
200
Storage Temperature Range
Tsls
-65 to + 200
" Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Characteristics at T = 25 °C
Symbol
Min.
Typ
Max
Thermal Resistance
Junction to Ambient Air
R™
-
0.3"
Forward Voltage
at IF= 200mA
VF
-
-
1.1
" Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Unit
mW
°C
°c
Unit
K/mW
V
M J/
\ s«mi-t'I induclort «w«rv«i ih« rigM lo thong* lesl conditions, punmtkr limits mid p«ckog« UirncmioM »i(hot« notice
inftumalKWi lunnihwl by Nl Semi-tunJuttora h btlwved to tx hiilh iKvurnto nml rdijfch il lh« lime of guiny i.> pressv However M
•iVini 11.iKliwI'irt IV.IIIIKI INI fe^pl.||^ibili^y Kit my ern'n nr omiunuM Jiwuvcrnl in ill Use NI S<mi-<. mlJlh-h r* ciKu
uTi ni-f. inM-iih 'h n liii.i.h,.c(5 ircujrrvrtfhtltire |ilnciniiiTihm

Go To PDF Page Download Datasheet

Html Page

1  2 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn