Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5246A Datasheet (PDF) 2 Page - New Jersey Semiconductor Products Inc

Part number 1N5246A
Description  Diode Zener Single 16V 10% 500mW 2-Pin DO-35
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  New Jersey Semiconductor Products Inc
Direct Link  http://njsemi.com/parts/1N5246...
Logo New Jersey Semiconductor Products Inc

1N5246A Datasheet (HTML) 2 Page - New Jersey Semiconductor Products Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
Type
Zener Voltage range"
Maximum Zener Impedance "
Reverse leakage current
Temp,
coefficient of
Zener Voltaae
1N5221
1N5222
1N5223
1N5224
1N5225
1N5226
1NS227
1N5228
1N5229
1N5230
1N5231
1N5232
1NS233
1N5234
1N5235
1N5236
1N5237
1N5238
1N5239
1N5240
1N5241
1N5242
1N5243
1N5244
1N5245
1N5246
1N5247
1N5248
1N5249
1N52SO
1N5251
1N5252
1N5253
1NS254
1N52SS
1N5256
1NS257
1N5258
1N52S9
1NS260
1N5261
1N5262
1N5263
1N5264
1N526S
1NS266
1N5267
1N5268
1N5269
1N5270
1N5271
1N5272
1N5273
1N5274
1N5275
1N5276
1N5277
1N5278
1N5279
1N5280
1N5281
VZno.3,
V
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
• 47
51
56
60
62
68
75
82
87
91
100
110
120
130
140
150
160
170
180
190
200
IZT
mA
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2 .... _
5.6
5.2
5.0
.4.6
4.5
4.2
3.8
3.4
3.2
3.0
2.7
2.5
2.2
2.1
2.0
1.8
1.7
1.5
1.4
1.4
1.3
1,2
1.0
0.95
0.90
0.85
0.80
0.74
0.68
0.66
0.65
r,T
n
<30
<30
<30
<30
<29
<28
<24
<23
<22
<19
<17
<11
<7
<7
<5
<6
<8
<8
<10
<17
<22
<30
<13
<15
<16
<17
<19
<21
<23
<25
<29
<33
<35
<41
<44
<49
<58
<70
<80
<93
<105
<125
<150
<170
<185
<230
<270
<330
<370
<400
<500
<700
<950
<1100
<1300
<1500
<1700
<1900
<2200
<2400
<2500
rz)K ^ IZK
n
mA
<1200
0.25
<1250
0.25
<1300
0.25
<1400
0.25
<1600
0.25
<1600
0.25
<1700
0.25
<1900
0.25
<2000
0.25
<1900
0.25
<1600
0.25
<1600
0.25
<1600
0.25
<1000
0.25
<750
0.25
<500
0.25
<500
0.25
<600
0.25
<600
0.25
<600
0.25
<600
0.25
<600
0.25
<600
0.25
<600
0.25
<600
0.25
<600
025
<600
0.25
<600
0.25
<600
0.25
<600
0.25
<600
0.25
<600
0.25
<600
0.25
<600
0.25
<600
0.25
<600
0.25
<700
,0.25
<700
0.25
<SQO
0.25
<900
0.25
<1000
0.25
<1100
0.25
<i3pg
0.25
<1400
0.25
<1400
0.25
<1600
0.25
<1700
0.25
<2000
0.25
<2200
0.25
<2300
0.25
-
-
_
-
-
-
-
-
-
-
-
-
„
„
-
-
-
-
,-
'„» atVR
HA
V
<100
1.0
<100
1.0
<75
1.0
<75
1.0
<50
1.0
<25
1.0
<15
1.0
<10
1.0
<5
1.0
<5
2.0
<5
2.0
<5
3.0
<5
3.5
<5
4.0
<3
5.0
<3
6.0
<3
6.5
<3
6.5
<3
7.0
<3
8,0
<2
8.4
<1
9.1
<0.5
9.9
<0.1
10
<0.1
11
<0.1
12
<0.1
13
<0.1
14
<0.1
14
<0.1
15
<0.1
17
<0.1
18
<0.1
19
<0.1
21
<0,1
21
<0.1
23
<0.1
25
<Q,1
27
<0.1
30
<0.1
33
<0.1
36
<0.1
39
<0.1
43
<0.1
46
<D.1
47
<0.1
52
<0.1
56
<0.1
62
<0.1
68
<0.1
69
<0.1
75
<0.1
83
<0.1
90
<0.1
98
<0.1
105
<0.1
113
<0.1
120
<0.1
127
<0.1
135
<0.1
142
<0.1
150
TKVZ
%/K
<-0.085
<-0.085
<-0.080
<-0.080
<-0.075
<-0.070
<-0.065
<-0.060
<-0.055
<±0.030
<*0.030
<+0.038
.<tQ,Q38_.__.
<+0.045
<+0.050
<+0.058
<+0.062
<+0.065
<+0.068
<+0.075
<+0.076
<+0.077
<+0079
<+0,082
<+0.082_
<+0.083
<+0.084
< +0.085
< +0.086
<+0,086
<+0,087
<+Q,Q88
<+0.089
_ <+Q.090_._
<±aoai ._.
<+0,091
<+0,092
<+0,093
<+0.094
<+0.095
< +0.095
< +0.096
< +0.096
<+0.097
<+0.097
< +0.097
< +0.098
<+0.098
<+0.099
<+0.099
< +0.1 00
<+0_,1QO
<+0.100
<+0.110
<+0.110
<+0.110
<+0.115
<+0.115
<+0.120
<+0.120
< +0.1 20
11 The Zener Impedance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value equal to 10% of the
Zener current (IZT or lw) is superimposed on l^ or IZK Zener Impedance is measured at two po nts to insure a sharp knee on the breakdown
curve and to eliminate unstable units.
?; Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
31 Measured under thermal equilibrium and DC test conditions.

Go To PDF Page Download Datasheet

Html Page

1  2 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn