Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5246D Datasheet (PDF) 1 Page - Digitron Semiconductors

Part number 1N5246D
Description  Zener Diode; Max Peak Repetitive Reverse Voltage: 1; Max TMS Bridge Input Voltage: 0.5; Max DC Reverse Voltage: 17
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  Digitron Semiconductors
Direct Link  http://www.digitroncorp.com/Pr...
Logo Digitron Semiconductors

1N5246D Datasheet (HTML) 1 Page - Digitron Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
1N5221B(UR)-1N5281B(UR)
High-reliability discrete products
and engineering services since 1977
SILICON ZENER DIODES
FEATURES
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
Available as non-RoHS (Sn/Pb plating), standard, and as RoHS by adding “-PBF” suffix. Available in surface mount by adding suffix UR
Devices with guaranteed limits on all six parameters are indicated by suffix A for ±10% tolerance, suffix B for a ±5% tolerance, suffix C for a 2% tolerance and suffix D for a 1%
tolerance.
MAXIMUM RATINGS
Operating and Storage Temperature
DC Power Dissipation
Power Derating
Forward Voltage @ 200mA
-65°C to + 200°C
500 mW
3.33 mW/C° above 25°C
1.1 Volts
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Part Number (1)
Nominal
Zener Voltage
VZ @ IZT
Volts
Test
Current
IZT
mA
Max Zener Impedance
A&B Suffix Only(2)
ZZT @ IZT
Ohms
ZZT @ IZK=0.25mA
Ohms
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
1N5231B
1N5232B
1N5233B
1N5234B
1N5235B
1N5236B
1N5237B
1N5238B
1N5239B
1N5240B
1N5241B
1N5242B
1N5243B
1N5244B
1N5245B
1N5246B
1N5247B
1N5248B
1N5249B
1N5250B
1N5251B
1N5252B
1N5253B
1N5254B
1N5255B
1N5256B
1N5257B
1N5258B
1N5259B
1N5260B
2.4
20
30
2.5
20
30
2.7
20
30
2.8
20
30
3.0
20
29
3.3
20
28
3.6
20
24
3.9
20
23
4.3
20
22
4.7
20
19
5.1
20
17
5.6
20
11
6.0
20
7.0
6.2
20
7.0
6.8
20
5.0
7.5
20
6.0
8.2
20
8.0
8.7
20
8.0
9.1
20
10
10
20
17
11
20
22
12
20
30
13
9.5
13
14
9.0
15
15
8.5
16
16
7.8
17
17
7.4
19
18
7.0
21
19
6.6
23
20
6.2
25
22
5.6
29
24
5.2
33
25
5.0
35
27
4.6
41
28
4.5
44
30
4.2
49
33
3.8
58
36
3.4
70
39
3.2
80
43
3.0
93
1200
1250
1300
1400
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
900
Max Reverse Leakage Current
A, B, & D Suffix
Only
IR
VR
µA
@ Volts
A
B,C &D
Non Suffix
IR @ VR Used For
Suffix A
µA
100
0.95
1.0
200
100
0.95
1.0
200
75
0.95
1.0
150
75
0.95
1.0
150
50
0.95
1.0
100
25
0.95
1.0
100
15
0.95
1.0
100
10
0.95
1.0
75
5.0
0.95
1.0
50
5.0
1.9
2.0
50
5.0
1.9
2.0
50
5.0
2.9
3.0
50
5.0
3.3
3.5
50
5.0
3.8
4.0
50
3.0
4.8
5.0
30
3.0
5.7
6.0
30
3.0
6.2
6.5
30
3.0
6.2
6.5
30
3.0
6.7
7.0
30
3.0
7.6
8.0
30
2.0
8.0
8.4
30
1.0
8.7
9.1
10
0.5
9.4
9.9
10
0.1
9.5
10
10
0.1
10.5
11
10
0.1
11.4
12
10
0.1
12.4
13
10
0.1
13.3
14
10
0.1
13.3
14
10
0.1
14.3
15
10
0.1
16.2
17
10
0.1
17.1
18
10
0.1
18.1
19
10
0.1
20
21
10
0.1
20
21
10
0.1
22
23
10
0.1
24
25
10
0.1
26
27
10
0.1
29
30
10
0.1
31
33
10
Max Zener Voltage
Temp. Coeff.
(A&B Suffix Only)
αVZ (%/°C)(3)
-0.085
-0.085
-0.080
-0.080
-0.075
-0.070
-0.065
-0.060
±0.055
±0.030
±0.030
+0.038
+0.038
+0.045
+0.050
+0.058
+0.062
+0.065
+0.068
+0.075
+0.076
+0.077
+0.079
+0.082
+0.082
+0.083
+0.084
+0.085
+0.086
+0.086
+0.087
+0.088
+0.089
+0.090
+0.091
+0.091
+0.092
+0.093
+0.094
+0.095
Rev. 20190114

Go To PDF Page Download Datasheet

Html Page

1  2  3  4 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn