Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM6318DZ27ARJ-RL Datasheet (PDF) 9 Page - Analog Devices Inc

Part number ADM6318DZ27ARJ-RL
Description  IC 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5, MO-178AA, SOT-23, 5 PIN, Power Management Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  Analog Devices Inc
Direct Link  http://www.analog.com/en/produ...
Logo Analog Devices Inc

ADM6318DZ27ARJ-RL Datasheet (HTML) 9 Page - Analog Devices Inc

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
PRELIMINARY TECHNICAL DATA
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Table 5. Reset Threshold Options
Part No.
ADM63 _ _ _ 50
ADM63 _ _ _ 49
ADM63 _ _ _ 48
ADM63 _ _ _ 47
ADM63 _ _ _ 46
ADM63 _ _ _ 45
ADM63 _ _ _ 44
ADM63 _ _ _ 43
ADM63 _ _ _ 42
ADM63 _ _ _ 41
ADM63 _ _ _ 40
ADM63 _ _ _ 39
ADM63 _ _ _ 38
ADM63 _ _ _ 37
ADM63 _ _ _ 36
ADM63 _ _ _ 35
ADM63 _ _ _ 34
ADM63 _ _ _ 33
ADM63 _ _ _ 32
ADM63 _ _ _ 31
ADM63 _ _ _ 30
ADM63 _ _ _ 29
ADM63 _ _ _ 28
ADM63 _ _ _ 27
ADM63 _ _ _ 26
ADM63 _ _ _ 25
Min
4.925
4.827
4.728
4.630
4.561
4.433
4.314
4.236
4.137
4.039
3.940
3.842
3.743
3.645
3.546
3.448
3.349
3.251
3.152
3.034
2.955
2.886
2.758
2.660
2.591
2.463
TA = +25°C
Typ
5.000
4.900
4.800
4.700
4.630
4.500
4.390
4.300
4.200
4.100
4.00
3.900
3.800
3.700
3.600
3.500
3.400
3.300
3.200
3.080
3.000
2.930
2.800
2.700
2.630
2.500
Max
5.075
4.974
4.872
4.771
4.699
4.568
4.446
4.365
4.263
4.162
4.060
3.959
3.857
3.756
3.654
3.553
3.451
3.350
3.248
3.126
3.045
2.974
2.842
2.741
2.669
2.538
TA = −40°C to +85°C
Min
Max
4.875
5.125
4.778
5.023
4.680
4.920
4.583
4.818
4.514
4.746
4.388
4.613
4.270
4.490
4.193
4.408
4.095
4.305
3.998
4.203
3.900
4.100
3.803
3.998
3.705
3.895
3.608
3.793
3.510
3.690
3.413
3.588
3.315
3.485
3.218
3.383
3.120
3.280
3.003
3.157
2.925
3.075
2.857
3.000
2.730
2.870
2.633
2.768
2.564
2.696
2.438
2.563
Table 6. Reset Timeout Options
Suffix
Min
Typ
Max
Unit
A
1
1.6
2
ms
B
20
30
40
ms
C
140
200
280
ms
D
1.12
1.60
2.24
s
Table 7. Watchdog Timer Operations
Suffix
Min
Typ
Max
Unit
W
4.3
6.3
9.3
ms
X
71
102
153
ms
Y
1.12
1.6
2.24
s
Z
17.9
25.6
38.4
s
Table 8. Standard Models
Model
ADM6316CY29ARJ
ADM6316CY46ARJ
ADM6318CY46ARJ
ADM6319C46ARJ
ADM6320CY29ARJ
ADM6320CY46ARJ
ADM6321CY46ARJ
ADM6322C46ARJ
Reset Threshold (V)
2.93
4.63
4.63
4.63
2.93
4.63
4.63
4.63
Minimum Reset Timeout (ms)
140
140
140
140
140
140
140
140
Typical Watchdog Timeout (s)
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
Rev.PrC | Page 9 of 11

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn