Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM6318DZ27ARJ-RL Datasheet (PDF) 1 Page - Analog Devices Inc

Part number ADM6318DZ27ARJ-RL
Description  IC 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5, MO-178AA, SOT-23, 5 PIN, Power Management Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  Analog Devices Inc
Direct Link  http://www.analog.com/en/produ...
Logo Analog Devices Inc

ADM6318DZ27ARJ-RL Datasheet (HTML) 1 Page - Analog Devices Inc

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
PRELIMINARY TECHNICAL DATA
Supervisory Circuits with Watchdog
and Manual Reset in 5-Lead SOT-23
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
FEATURES
26 reset threshold options:
2.5 V to 5 V in 100 mV increments
4 reset timeout options:
1 ms, 20 ms, 140 ms, and 1120 ms (Min)
4 watchdog timeout options:
6.3 ms, 102 ms, 1600 ms, and 25.6s (Typ)
Manual reset input
Reset output stages:
Push-pull active-low
Open-drain active-low
Push-pull active-high
Low power consumption (3 µA)
Guaranteed reset output valid to VCC = 1 V
Power supply glitch immunity
Specified over industrial temperature range
5-lead SOT-23 package
APPLICATIONS
Microprocessor systems
Computers
Controllers
Intelligent instruments
Portable equipment
GENERAL DESCRIPTION
The ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/
ADM6321/ADM6322 are supervisory circuits which monitor
power supply voltage levels and code execution integrity in
microprocessor-based systems. As well as providing power on
reset signals, an on-chip watchdog timer can reset the
microprocessor if it fails to strobe within a preset timeout
period. A reset signal can also be asserted by means of an
external push-button, through a manual reset input. The seven
parts feature different combinations of watchdog input, manual
reset input and output stage configuration, as shown in Table 1.
Table 1. Selection Table
Part No.
ADM6316
ADM6317
ADM6318
ADM6319
ADM6320
ADM6321
ADM6322
Watchdog
Yes
Yes
Yes
–
Yes
Yes
–
Manual Reset
Yes
Yes
–
Yes
Yes
-
Yes
FUNCTIONAL BLOCK DIAGRAM
ADM6316
VCC
VCC
VREF
RESET
GENERATOR
MR
DEBOUNCE
WATCHDOG
DETECTOR
RESET
GND
WDI
Figure 1.
Each part is available in a choice of 26 reset threshold options
ranging from 2.5 V to 5 V in 100 mV increments. There are also
four reset timeout options of 1 ms, 20 ms, 140 ms, and 1120 ms
(min) and four watchdog timeout options of 6.3 ms, 102 ms,
1600 ms, and 25.6s (typ).
The ADM6316-ADM6322 are available in 5-lead SOT-23
packages and typically consume only 3 µA, making them
suitable for use in low power portable applications.
RESET
Push-Pull
–
Push-Pull
Push-Pull
Open-Drain
Open-Drain
Open-Drain
Output Stage
RESET
–
Push-Pull
Push-Pull
Push-Pull
–
Push-Pull
Push-Pull
Rev.PrC
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703 © 2004 Analog Devices, Inc. All rights reserved.

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn