Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM6318DZ27ARJ-RL Datasheet (PDF) 3 Page - Analog Devices Inc

Part number ADM6318DZ27ARJ-RL
Description  IC 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5, MO-178AA, SOT-23, 5 PIN, Power Management Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  Analog Devices Inc
Direct Link  http://www.analog.com/en/produ...
Logo Analog Devices Inc

ADM6318DZ27ARJ-RL Datasheet (HTML) 3 Page - Analog Devices Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
PRELIMINARY TECHNICAL DATA
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
SPECIFICATIONS
VCC = full operating range, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
SUPPLY
VCC Operating Voltage Range
1
Supply Current
RESET THRESHOLD VOLTAGE
RESET THRESHOLD TEMPERATURE COEFFICIENT
RESET THRESHOLD HYSTERESIS
RESET TIMEOUT PERIOD
ADM63__A
ADM63__B
ADM63__C
ADM63__D
VCC TO RESET DELAY
PUSH-PULL OUTPUT (ADM6316, ADM6317, ADM6318,
ADM6319, ADM6321, ADM6322)
RESET Output Voltage
VTH
1.5%
VTH
2.5%
1
20
140
1120
Typ
10
5
VTH
VTH
40
3
1.4
28
200
1600
40
RESET Rise Time
RESET Output Voltage
OPEN-DRAIN OUTPUT (ADM6320, ADM6321,
ADM6322)
RESET Output Voltage
0.8 × VCC
VCC − 1.5
5
0.8 × VCC
0.8 × VCC
VCC – 1.5
Open-Drain Reset Output Leakage Current
WATCHDOG INPUT (ADM6316, ADM6317, ADM6318,
ADM6320, ADM6321)
Watchdog Timeout Period
4.3
6.3
71
102
1.12
1.6
17.9
25.6
WDI Pulse Width
50
Max
5.5
20
12
VTH +
1.5%
VTH +
2.5%
2
40
280
2240
0.3
0.3
0.3
0.4
25
0.3
0.4
0.3
0.3
0.3
0.4
1
9.3
153
2.4
38.4
Unit
Test Conditions/Comments
V
µA
VCC = 5.5 V
µA
VCC = 3.6 V
V
V
ppm/°C
mV
TA = +25°C
TA = −40°C to +85°C
ms
ms
ms
ms
µs
VCC falling at 1 mV/µs
V
VCC> = 1.0 V, ISINK = 50 µA
V
VCC> = 1.2 V, ISINK = 100 µA
V
VCC> = 2.7 V, ISINK = 1.2 mA
V
VCC> = 4.5 V, ISINK = 3.2 mA
V
VCC> = 2.7 V, ISOURCE = 500 µA
V
VCC> = 4.5 V, I SOURCE = 800 µA
ns
From 10% to 90% VCC, CL = 5 pF,
VCC = 3.3 V
V
VCC > = 2.7 V, ISINK = 1.2 mA
V
VCC > = 4.5 V, ISINK = 3.2 mA
V
VCC > = 1.8 V, ISOURCE = 150 µA
V
VCC > = 2.7 V, ISOURCE = 500 µA
VCC > = 4.5 V, I SOURCE = 800 µA
V
VCC > = 1.0 V, ISINK = 50 µA
V
VCC > = 1.2 V, ISINK = 100 µA
V
VCC > = 2.7 V, ISINK = 1.2 mA
V
VCC > = 4.5 V, ISINK = 3.2 mA
µA
ms
ADM63___W
ms
ADM63___X
s
ADM63___Y
s
ADM63___Z
ns
VIL = 0.3 × VCC, VIH = 0.7 × VCC,
Rev.PrC | Page 3 of 11

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn