Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM6318DZ27ARJ-RL Datasheet (PDF) 5 Page - Analog Devices Inc

Part number ADM6318DZ27ARJ-RL
Description  IC 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5, MO-178AA, SOT-23, 5 PIN, Power Management Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  Analog Devices Inc
Direct Link  http://www.analog.com/en/produ...
Logo Analog Devices Inc

ADM6318DZ27ARJ-RL Datasheet (HTML) 5 Page - Analog Devices Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
PRELIMINARY TECHNICAL DATA
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
VCC
RESET (ADM6320, ADM6321, ADM6322)
Output Current (RESET, RESET)
Operating Temperature Range
Storage Temperature Range
θJA Thermal Impedance, SOT-23
Lead Temperature
Soldering (10 sec)
Vapour Phase (60 sec)
Infrared (15 sec)
Rating
–0.3 V to +6 V
–0.3 V to +6 V
20 mA
–40°C to +85°C
–65°C to +125°C
270°C/W
300°C
215°C
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Rev.PrC | Page 5 of 11

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn