Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM6318DZ27ARJ-RL Datasheet (PDF) 7 Page - Analog Devices Inc

Part number ADM6318DZ27ARJ-RL
Description  IC 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5, MO-178AA, SOT-23, 5 PIN, Power Management Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  Analog Devices Inc
Direct Link  http://www.analog.com/en/produ...
Logo Analog Devices Inc

ADM6318DZ27ARJ-RL Datasheet (HTML) 7 Page - Analog Devices Inc

 
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
PRELIMINARY TECHNICAL DATA
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
TYPICAL PERFORMANCE CHARACTERISTICS
10.0
9.5
9.0
8.5
8.0 VCC = 5V
7.5
7.0
6.5
6.0
5.5
VCC = 3V
5.0
4.5
VCC = 1.5V
4.0
3.5
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 6. Supply Current vs. Temperature
(ADM6316/ADM6317/ADM6318/ADM6320/ADM6321)
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VCC (V)
Figure 7. Supply Current vs. Supply Voltage
1.05
1.04
1.03
1.02
1.01
1.00
0.99
0.98
0.97
0.96
0.95
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 8. Normalized Reset Threshold vs. Temperature
100
90
80
70
60
50
40
30
20
10
0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 9. VCC Falling to Reset Propagation Delay vs. Temperature
340
320
300
280
260
240
220
200
180
160
140
120
100
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 10. Manual Reset to Reset Propagation Delay vs. Temperature
(ADM6316/ADM6317/ADM6319/ADM6320/ADM6322)
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 11. Normalized Reset Timeout Period vs. Temperature
Rev.PrC | Page 7 of 11

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn