Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM6318DW33ARJZ-R7 Datasheet (PDF) 13 Page - Analog Devices Inc

Part number ADM6318DW33ARJZ-R7
Description  1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5, ROHS COMPLIANT, MO-178AA, SOT-23, 5 PIN
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  Analog Devices Inc
Direct Link  http://www.analog.com/en/produ...
Logo Analog Devices Inc

ADM6318DW33ARJZ-R7 Datasheet (HTML) 13 Page - Analog Devices Inc

 
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
OUTLINE DIMENSIONS
2.90 BSC
1.60 BSC
5
4
2.80 BSC
1
2
3
PIN 1
1.30
1.15
0.90
1.90
BSC
0.95 BSC
0.15 MAX
1.45 MAX 0.22
0.08
0.50 SEATING
0.30 PLANE
10°
5°
0.60
0°
0.45
0.30
COMPLIANT TO JEDEC STANDARDS MO-178-A A
Figure 22. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ADM63 _ _ _ _ARJ_-_
RESET TIMEOUT PERIOD
A: 1ms (MIN)
B: 20ms (MIN)
C: 140ms (MIN)
D: 1120ms (MIN)
GENERIC NUMBER
(16 TO 22)
ORDERING QUANTITY
RL7: 3000 PIECE REEL
R7: 3000 PIECE REEL RoHS COMPLIANT
Z: RoHS COMPLIANT
WATCHDOG TIMEOUT PERIOD
W: 6.3ms (TYP)
X: 102ms (TYP)
Y: 1.6sec (TYP)
Z: 25.6sec (TYP)
PACKAGE CODE
RJ: 5-LEAD SOT-23
TEMPERATURE RANGE
A: –40°C TO +85°C
RESET THRESHOLD NUMBER
(25 TO 50)
Figure 23. Ordering Code Structure (Modified Diagram)
ORDERING GUIDE
Model1, 2
ADM6316xxxARJ-RL7
ADM6316xxxARJZ-R74
ADM6317xxxARJZ-R74
ADM6318xxxARJ-RL7
ADM6318xxxARJZ-R74
ADM6319xxARJ-RL7
ADM6319xxARJZ-R74
ADM6320xxxARJ-RL7
ADM6320xxxARJZ-R74
ADM6321xxxARJ-RL7
ADM6321xxxARJZ-R74
ADM6322xxARJ-RL7
ADM6322xxARJZ-RL74
Temperature Range
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
Ordering Quantity3
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
Package Description
5-Lead SOT-23
5-Lead SOT-23
5-Lead SOT-23
5-Lead SOT-23
5-Lead SOT-23
5-Lead SOT-23
5-Lead SOT-23
5-Lead SOT-23
5-Lead SOT-23
5-Lead SOT-23
5-Lead SOT-23
5-Lead SOT-23
5-Lead SOT-23
Package Option
RJ-5
RJ-5
RJ-5
RJ-5
RJ-5
RJ-5
RJ-5
RJ-5
RJ-5
RJ-5
RJ-5
RJ-5
RJ-5
Branding
N00
M7Q
M9N
N02
M4Q
N03
N0S
N04
N0T
N05
M8L
N06
M8J
1 Complete the ordering code by inserting reset threshold, reset timeout, and watchdog timeout (ADM6316/ADM6317/ADM6318/ADM6320/ADM6321) suffixes from
Table 5 to Table 7. No watchdog timeout is available for ADM6319/ADM6322.
2 Contact sales for the availability of nonstandard models. See Table 8 for a list of standard models.
3 A minimum of 12,000 (four reels) must be ordered.
4 Z = RoHS Compliant Part.
Rev. D | Page 13 of 16

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn