Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM6318DW33ARJZ-R7 Datasheet (PDF) 3 Page - Analog Devices Inc

Part number ADM6318DW33ARJZ-R7
Description  1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5, ROHS COMPLIANT, MO-178AA, SOT-23, 5 PIN
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  Analog Devices Inc
Direct Link  http://www.analog.com/en/produ...
Logo Analog Devices Inc

ADM6318DW33ARJZ-R7 Datasheet (HTML) 3 Page - Analog Devices Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
SPECIFICATIONS
VCC = full operating range, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Min
SUPPLY
VCC Operating Voltage Range
1
Supply Current
RESET THRESHOLD VOLTAGE
RESET THRESHOLD TEMPERATURE
COEFFICIENT
RESET THRESHOLD HYSTERESIS
RESET TIMEOUT PERIOD
ADM63xxA
ADM63xxB
ADM63xxC
ADM63xxD
VCC TO RESET DELAY
PUSH-PULL OUTPUT (ADM6316, ADM6317,
ADM6318, ADM6319, ADM6321, ADM6322)
RESET Output Voltage
VTH − 1.5%
VTH − 2.5%
1
20
140
1120
Typ
10
5
VTH
VTH
40
3
1.4
28
200
1600
40
RESET Rise Time
RESET Output Voltage
0.8 × VCC
VCC − 1.5
5
OPEN-DRAIN OUTPUT (ADM6320, ADM6321,
ADM6322)
RESET Output Voltage
0.8 × VCC
0.8 × VCC
VCC − 1.5
Open-Drain Reset Output Leakage Current
WATCHDOG INPUT (ADM6316, ADM6317,
ADM6318, ADM6320, ADM6321)
Watchdog Timeout Period
ADM63xxxW
4.3
6.3
ADM63xxxX
71
102
ADM63xxxY
1.12
1.6
ADM63xxxZ
17.9
25.6
WDI Pulse Width
50
WDI Input Threshold
0.3 × VCC
WDI Input Current
120
−20
−15
Max
5.5
20
12
VTH + 1.5%
VTH + 2.5%
2
40
280
2240
0.3
0.3
0.3
0.4
25
0.3
0.4
0.3
0.3
0.3
0.4
1
9.3
153
2.4
38.4
0.7 × VCC
160
Unit
V
μA
μA
V
V
ppm/°C
mV
ms
ms
ms
ms
μs
V
V
V
V
V
V
ns
V
V
V
V
V
V
V
V
V
μA
ms
ms
sec
sec
ns
V
μA
μA
Test Conditions/Comments
VCC = 5.5 V
VCC = 3.6 V
TA = 25°C
TA = −40°C to +85°C
VCC falling at 1 mV/μs
VCC 1.0 V, ISINK = 50 μA
VCC 1.2 V, ISINK = 100 μA
VCC ≥ 2.7 V, ISINK = 1.2 mA
VCC ≥ 4.5 V, ISINK = 3.2 mA
VCC ≥ 2.7 V, ISOURCE = 500 μA
VCC ≥ 4.5 V, ISOURCE = 800 μA
From 10% to 90% VCC, CL = 5 pF,
VCC = 3.3 V
VCC ≥ 2.7 V, ISINK = 1.2 mA
VCC ≥ 4.5 V, ISINK = 3.2 mA
VCC ≥ 1.8 V, ISOURCE = 150 μA
VCC ≥ 2.7 V, ISOURCE = 500 μA
VCC ≥ 4.5 V, ISOURCE = 800 μA
VCC ≥ 1.0 V, ISINK = 50 μA
VCC ≥ 1.2 V, ISINK = 100 μA
VCC ≥ 2.7 V, ISINK = 1.2 mA
VCC ≥ 4.5 V, ISINK = 3.2 mA
VIL = 0.3 × VCC, VIH = 0.7 × VCC
VWDI = VCC, time average
VWDI = 0, time average
Rev. D | Page 3 of 16

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn