Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM6318DW39ARJZ-R7 Datasheet (PDF) 8 Page - Analog Devices Inc

Part number ADM6318DW39ARJZ-R7
Description  1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5, ROHS COMPLIANT, MO-178AA, SOT-23, 5 PIN
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  Analog Devices Inc
Direct Link  http://www.analog.com/en/produ...
Logo Analog Devices Inc

ADM6318DW39ARJZ-R7 Datasheet (HTML) 8 Page - Analog Devices Inc

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
1.20
1.15
1.10
1.05
1.00
0.95
0.90
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 13. Normalized Watchdog Timeout Period vs. Temperature
(ADM6316/ADM6317/ADM6318/ADM6320/ADM6321)
160
RESET OCCURS ABOVE CURVE
140
120
100
VTH = 4.63V
80
60
40
20
VTH = 2.93V
0
10
100
1000
OVERDRIVE VOLTAGE (mV)
Figure 14. Maximum VCC Transient Duration vs. Reset
Threshold Overdrive
190
180
170
160
150
140
130
120
110
100
–50
0
50
TEMPERATURE (°C)
Figure 15. Manual Reset Minimum Pulse Width vs. Temperature
(ADM6316/ADM6317/ADM6319/ADM6320/ADM6322)
3.8
3.6
3.4
NEGATIVE PULSE
3.2
3.0
2.8
2.6
2.4
POSITIVE PULSE
2.2
2.0
–40
10
60
TEMPERATURE (°C)
Figure 16. Watchdog Input Minimum Pulse Width vs. Temperature
(ADM6316/ADM6317/ADM6318/ADM6320/ADM6321)
Rev. D | Page 8 of 16

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn