Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM6318DZ28ARJ-RL Datasheet (PDF) 11 Page - Analog Devices Inc

Part number ADM6318DZ28ARJ-RL
Description  IC 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5, MO-178AA, SOT-23, 5 PIN, Power Management Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  Analog Devices Inc
Direct Link  http://www.analog.com/en/produ...
Logo Analog Devices Inc

ADM6318DZ28ARJ-RL Datasheet (HTML) 11 Page - Analog Devices Inc

 
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
PRELIMINARY TECHNICAL DATA
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
ORDERING GUIDE
ADM63__ __ __ __ A RJ - __
Generic No.
(16 - 22)
Reset Timeout Period
A: 1ms (min)
B: 20ms (min)
Watchdog Timeout Period
C: 140ms (min)
D: 1120ms (min)
W: 6.3ms (typ)
X: 102ms (typ)
Y: 1.6s (typ)
Z: 25s (typ)
Reset Threshold No.
(25 - 50)
Ordering Quantity:
RL7: 10,000 piece Reel
RL: 3,000 piece Reel
Package Code:
RJ: 5-Lead SOT-23
Temperature Range:
AA: -40°CCCttoo++8855°C
Figure 17. Ordering Code Structure
Model12
ADM6316 _ _ __ ARJ-RL7
ADM6317 _ _ __ ARJ-RL7
ADM6318 _ _ __ ARJ-RL7
ADM6319 _ __ ARJ-RL7
ADM6320 _ _ __ ARJ-RL7
ADM6321 _ _ __ ARJ-RL7
ADM6322 _ __ ARJ-RL7
Temperature Range
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
−40°C to +85°C
Quantity
3k
3k
3k
3k
3k
3k
3k
Package Option
SOT-23-5
SOT-23-5
SOT-23-5
SOT-23-5
SOT-23-5
SOT-23-5
SOT-23-5
Branding
N00
N01
N02
N03
N04
N05
N06
1 Complete the ordering code by inserting reset timeout, watchdog timeout (ADM6316/17/18/20/21) and reset threshold suffixes from tables 5 to 7.
2 Contact the factory for the availability of nonstandard models. See Table 8 for a list of standard models.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR04533-0-6/04(PrC)
Rev.PrC | Page 11 of 11

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn