Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADM6318DZ28ARJ-RL Datasheet (PDF) 4 Page - Analog Devices Inc

Part number ADM6318DZ28ARJ-RL
Description  IC 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5, MO-178AA, SOT-23, 5 PIN, Power Management Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  Analog Devices Inc
Direct Link  http://www.analog.com/en/produ...
Logo Analog Devices Inc

ADM6318DZ28ARJ-RL Datasheet (HTML) 4 Page - Analog Devices Inc

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
PRELIMINARY TECHNICAL DATA
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Parameter
WDI Input Threshold
WDI Input Current
MANUAL RESET INPUT (ADM6316, ADM6317,
ADM6319, ADM6320, ADM6322)
MR Input Threshold
MR Input Pulse Width
MR Glitch Rejection
MR Pull-up Resistance
MR to Reset Delay
Min
Typ
0.3 × VCC
120
−20
−15
0.8
0.3 × VCC
1
100
35
52
230
Max
Unit
V
0.7 × VCC V
160
µA
µA
V
2.0
V
V
0.7 × VCC V
µs
ns
75
k⍀
ns
Test Conditions/Comments
VWDI = VCC, time average
VWDI = 0, time average
VTH > 4.0 V
VTH > 4.0 V
VTH <4.0 V
VTH < 4.0 V
VCC = 5V
Rev.PrC | Page 4 of 11

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn