Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LCA10150A05PC Datasheet (PDF) 1 Page - C&K Components

Part number LCA10150A05PC
Description  SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4.4mm, THROUGH HOLE-STRAIGHT, ROHS COMPLIANT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  C&K Components
Direct Link  http://www.ck-components.com/p...
Logo C&K Components

LCA10150A05PC Datasheet (HTML) 1 Page - C&K Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
LCA Series
Subminiature Snap-acting Switches
Features/Benefits
Typical Applications
Compact design
Motorized equipment
Long life and high electrical capacity
Sump pump
Quick connect, solder terminals, PC terminals Thermostatic controls
Wide variety of actuator styles
RoHS compatible
14
Models Available
Specifications
Materials
CONTACT RATING: From low level to 10.1 AMPS @ 125/250 V AC
SWITCH HOUSING: Thermoplastic polyester
ELECTRICAL LIFE: 10,000 cycles @10.1 AMPS
ACTUATOR BUTTON: Thermoplastic polyester.
100,000 cycles @ 6 AMPS
SPRING: Copper alloy.
MECHANICAL LIFE: 300,000 cycles.
PIVOT: Copper alloy.
INSULATION RESISTANCE: 100 M ohm min.
MOVABLE CONTACTS: Silver Nickel
DIELECTRIC STRENGTH: 1,500 Vrms min. @ sea level.
STATIONARY CONTACTS: Silver nickel on copper alloy.
OPERATING TEMPERATURE: –40ºC to +125ºC
TERMINALS: Copper alloy.
OPERATING FORCE: 150 grams at actuator button MAX.
ACTUATOR LEVER: Stainless steel.
Forces are less at free end of lever actuators; (see ACTUATOR’S
option sections).
MOUNTING: 2-56 screws, torque 2.3 in/lbs max.
J
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages J-22 thru J-24. For additional options not shown in catalog, consult Customer Service Center.
Series
LCA SP, Mom.
LCA
150
Contact Rating
06 6 A, 125/250 VAC
6 A, 125/250V µ40T125
14
10 10.1 A, 125/250 VAC
10.1A, 125/250V µ40T125
14
6 (2)A, 125/250V µ40T125
01 0.1 A, 125/250 VAC
0.1A, 125/250V µ40T125
14
Operating Force
150 150 grams
Actuator
P00 Pin plunger
T05 4.8 mm short lever
T06 6.8 mm lever
T09 8.8 mm lever
T12 12.9 mm lever
T16 15.6 mm lever
T18 18.1 mm lever
T21 20.1 mm lever
T23 23.4 mm lever
T36 36.1 mm lever
T43 43.5 mm lever
S06 6.0 mm simulated lever
S09 9.2 mm simulated lever
A05 5.0 mm lever roller
Terminations
S Solder
Q .110 Quick Connect
P PC Thru Hole
L Left Form PC
R Right Form PC
Circuitry
C SPDT
W SPST N.C.
Y SPST N.O.
J–21
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn