Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LCA10150A05PC Datasheet (PDF) 2 Page - C&K Components

Part number LCA10150A05PC
Description  SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4.4mm, THROUGH HOLE-STRAIGHT, ROHS COMPLIANT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  C&K Components
Direct Link  http://www.ck-components.com/p...
Logo C&K Components

LCA10150A05PC Datasheet (HTML) 2 Page - C&K Components

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
LCA Series
Subminiature Snap-acting Switches
SERIES
LCA
19.8
7.5
2.0
3.2
ø 2.5
1.9 8.8
5.1 9.5
ø 2.4
0.6
7.3
R0.3
1.2
3.3
6.4
J
ELECTRICAL RATING
RoHS
RoHS
COMPLIANT * COMPATIBLE * OPTION CODE
YES
YES
06
YES
YES
10
YES
YES
01
ELECTRICAL RATING
6A, 125/250 VAC
10.1A, 125/250 VAC
.1A, 125/250 VAC
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
OPERATING FORCE
OPTION CODE OPERATING FORCES (grams)
150
150 grams max.
J–22
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn