Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LCA10150A05PC Datasheet (PDF) 3 Page - C&K Components

Part number LCA10150A05PC
Description  SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4.4mm, THROUGH HOLE-STRAIGHT, ROHS COMPLIANT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  C&K Components
Direct Link  http://www.ck-components.com/p...
Logo C&K Components

LCA10150A05PC Datasheet (HTML) 3 Page - C&K Components

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
A05 LEVER ROLLER
LCA Series
Subminiature Snap-acting Switches
ACTUATOR
SXX SIMULATED ROLLER
B
4.9
3.2
A
C
DE
B
4.05
A
C
DE
TXX LEVER
P00
B
A
C
4.05
DE
J
7.5
2.0
C
3.2
DE
ACTUATOR
OPTION
CODE
A
mm
LENGTH
OF
LEVER
Br
mm
Lever length
for front mtg.
hole to OP
efC.
mm
PRE
TRAVEL
(MAX)
D
mm
OPERATING
POSITION
E
Diff. Motion
mm
mm
FREE
max
POSITION
(MAX)
Oper.
Force
max.
grams
P00
NA
NA
1.1
8.5 ± .0.3 9.3
0.20
150
T05
16.70
4.80
3.6
8.9 ± .08 11.7
0.80
50
T06
18.70
6.80
4.0
8.9 ± .09 12.0
0.90
45
T09
20.60
9.10
4.3
9.15 ± 1.35 13.5
1.83
33
T12
24.80
12.90
5.4
8.9 ± 1.5 13.1
1.19
34
T16
27.10
15.60
6.0
9.15 ± 1.7 15.2
1.30
40
T18
30.00
18.50
6.0
9.15 ± 1.9 14.6
1.50
32
T21
32.00
20.50
6.4
9.15 ± 1.85 15.5
1.60
35
T23
35.20
23.40
8.6
8.9 ± 2.0 15.6
1.80
25
T36
47.60
36.10
10.9
8.85 ± 4.2 17.1
3.40
30
T43
55.20
43.50
13.3
8.9 ± 3.0 19.2
2.90
15
S06
17.90
6.00
3.9
10.8 ± 0.9 13.76
0.86
47
S09
21.10
9.20
5.7
16.1 ± 1.5 20.3
1.00
42
A05
16.60
5.00
3.8
14.6 ± 0.8 17.6
0.80
50
Release
Force
min.
grams
25
6
5
2
2
1
1
1
1
1
1
5
2
6
Over
Travel
min.
0.4
0.6
0.67
0.75
0.89
0.70
1.2
1.0
1.5
1.0
1.0
0.64
1.0
0.6
J–23
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn