Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LCA10150A05PC Datasheet (PDF) 4 Page - C&K Components

Part number LCA10150A05PC
Description  SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4.4mm, THROUGH HOLE-STRAIGHT, ROHS COMPLIANT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  C&K Components
Direct Link  http://www.ck-components.com/p...
Logo C&K Components

LCA10150A05PC Datasheet (HTML) 4 Page - C&K Components

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
LCA Series
Subminiature Snap-acting Switches
TERMINATIONS
S SOLDER
Q QUICK CONNECT
P PC THRU HOLE
0.6
3.3
ø 1.6
0.6
L LEFT FORM PC
ø 1.2
2.8
J
0.6
1.2
3.3
0.6
3.8
8.35
R RIGHT FORM PC
J–24
0.6
3.8
8.2
8,8
5,25
COM
7,3
NO
3X
1,50
1,35
NC
PLUNGER
POSITION
PC MOUNTING
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn