Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EP12FPD1WSE Datasheet (PDF) 5 Page - C&K Components

Part number EP12FPD1WSE
Description  PUSHBUTTON SWITCH, SPDT, MOMENTARY, 1A, 28VDC, PANEL MOUNT, ROHS COMPLIANT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  C&K Components
Direct Link  http://www.geindustrial.com/pr...
Logo C&K Components

EP12FPD1WSE Datasheet (HTML) 5 Page - C&K Components

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
EP Series
Sealed Tiny Pushbutton Switches
TERMINATIONS
V3 VERTICAL MOUNT, V-BRACKET
V31 VERTICAL MOUNT, V-BRACKET, SNAP-IN
A
PC MOUNTING
EP11 Models:
omit terminal 2.
V3 VERTICAL MOUNT, V-BRACKET
V31 SNAP-IN
EP11 Models:
omit centerhole.
EP12SD1V3BE
SPDT
PC MOUNTING
EP21SD1V3BE
DPST
CONTACT MATERIAL
OPTION
CODE
B
P
Q
S
G
R
CONTACT
MATERIAL
GOLD 1
SILVER 4,5
GOLD OVER SILVER 2,3
TERMINAL
PLATING
GOLD 1
MATTE-TIN 6
SILVER 5
MATTE-TIN 6
GOLD 3
MATTE-TIN 6
RATINGS
LOW LEVEL/DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
POWER
LOW LEVEL/DRY
CIRCUIT OR POWER
1 AMP @ 120 V AC OR 28 V DC.
0.4 VA MAX @ 20 V AC OR DC MAX. OR
1 AMP @ 120 V AC OR 28 V DC.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with matte tin over nickel plate.
NOTE: Any models supplied with Q, B P, S ,R or G contact material are RoHS compliant.
All models
with all options when ordered with G, L, M, S, R or Q contact material.
K, L and M options represent Non RoHS tin lead product and are not recommended for new
designs. For additional information please contact Customer Service.
E EPOXY SEAL
SEAL
A–13
Third Angle
Projection
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn