Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

680G-01 Datasheet (PDF) 5 Page - Integrated Device Technology Inc

Part number 680G-01
Description  Clock Generator, 66.6666MHz, CMOS, PDSO24, 0.173 INCH, TSSOP-24
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  Integrated Device Technology Inc
Direct Link  
Logo Integrated Device Technology Inc

680G-01 Datasheet (HTML) 5 Page - Integrated Device Technology Inc

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
ICS680-01
NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
ZDB AND SYNTHESIZER
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature 0 to +70° C
Parameter
Symbol
Conditions
Min.
Operating Voltage
VDD
3.13
Supply Current
IDD No load,PDTS=1
No load,PDTS=0
Input High Voltage, binary VIH PDTS, ICLK
2
inputs
Input High Voltage, trinary
inputs
VIH S0, S1
VDD-0.5
Input Low Voltage, binary
inputs
VIL PDTS, ICLK
Input Low Voltage, trinary
inputs
VIL S0, S1
Output High Voltage
Output High Voltage
Output Low Voltage
Short Circuit Current
Input Capacitance, Inputs
Nominal Output
Impedance
VOH
VOH
VOL
IOS
CIN
ZOUT
IOH = -4 mA
IOH = -12 mA
IOL = 12 mA
IOL = 4 mA
CLK output
VDD-0.4
2.4
On-Chip Pull-up Resistor,
Inputs
RPU PDTS, SEL
On-Chip Pull-down
Resistor, Outputs
RPD CLK outputs
Typ.
3.3
32
300
±50
5
20
250
250
Max.
3.46
Units
V
mA
µA
V
V
0.8
V
0.5
V
V
V
0.8
V
0.4
V
mA
pF
k
k
IDT™ / ICS™ NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER 5
ICS680-01 REV H 051310

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn