Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5246BRL Datasheet (PDF) 10 Page - ON Semiconductor

Part number 1N5246BRL
Description  16V, 0.5W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH, HERMETIC SEALED, GLASS, DO-35, 2 PIN
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

1N5246BRL Datasheet (HTML) 10 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
1N5221B Series
OUTLINE DIMENSIONS
Zener Voltage Regulators – Axial Leaded
500 mW DO–35 Glass
GLASS DO–35/D0–204AH
CASE 299–02
ISSUE A
B
D
K
F
A
F
K
NOTES:
1. PACKAGE CONTOUR OPTIONAL WITHIN A AND B
HEAT SLUGS, IF ANY, SHALL BE INCLUDED
WITHIN THIS CYLINDER, BUT NOT SUBJECT TO
THE MINIMUM LIMIT OF B.
2. LEAD DIAMETER NOT CONTROLLED IN ZONE F
TO ALLOW FOR FLASH, LEAD FINISH BUILDUP
AND MINOR IRREGULARITIES OTHER THAN
HEAT SLUGS.
3. POLARITY DENOTED BY CATHODE BAND.
4. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
MILLIMETERS
INCHES
DIM MIN MAX MIN MAX
A 3.05 5.08 0.120 0.200
B 1.52 2.29 0.060 0.090
D 0.46 0.56 0.018 0.022
F --- 1.27 --- 0.050
K 25.40 38.10 1.000 1.500
All JEDEC dimensions and notes apply.
http://onsemi.com
10

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn