Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5246BRL Datasheet (PDF) 2 Page - ON Semiconductor

Part number 1N5246BRL
Description  16V, 0.5W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH, HERMETIC SEALED, GLASS, DO-35, 2 PIN
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

1N5246BRL Datasheet (HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
1N5221B Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless
otherwise noted, Based on dc measurements at thermal
equilibrium; lead length = 3/8; thermal resistance of heat sink
= 30°C/W, VF = 1.1 V Max @ IF = 200 mA for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Breakdown Voltage
IF
Forward Current
VF
Forward Voltage @ IF
qVZ
Maximum Zener Voltage Temperature Coefficient
I
IF
VZ VR
V
IIRZT VF
Zener Voltage Regulator
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, Based on dc measurements at thermal equilibrium; lead
length = 3/8; thermal resistance of heat sink = 30°C/W, VF = 1.1 V Max @ IF = 200 mA for all types)
Device
(Note 2.)
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
1N5231B
1N5232B
1N5233B
1N5234B
1N5235B
Device
Marking
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
1N5231B
1N5232B
1N5233B
1N5234B
1N5235B
Zener Voltage (Note 3.)
VZ (Volts)
Min Nom Max
@ IZT
mA
2.28
2.4
2.52
20
2.375
2.5 2.625
20
2.565
2.7 2.835
20
2.66
2.8
2.94
20
2.85
3.0
3.15
20
3.14
3.3
3.46
20
3.42
3.6
3.78
20
3.71
3.9
4.09
20
4.09
4.3
4.51
20
4.47
4.7
4.93
20
4.85
5.1
5.35
20
5.32
5.6
5.88
20
5.7
6.0
6.3
20
5.89
6.2
6.51
20
6.46
6.8
7.14
20
Zener Impedance (Note 4.)
ZZT @ IZT
W
ZZK @ IZK
W
mA
30
1200 0.25
30
1250 0.25
30
1300 0.25
30
1400 0.25
29
1600 0.25
28
1600 0.25
24
1700 0.25
23
1900 0.25
22
2000 0.25
19
1900 0.25
17
1600 0.25
11
1600 0.25
7
1600 0.25
7
1000 0.25
5
750
0.25
Leakage Current
IR @ VR
µA
Volts
100
1
100
1
75
1
75
1
50
1
25
1
15
1
10
1
5
1
5
2
5
2
5
3
5
3.5
5
4
3
5
qVZ
(Note 5.)
%/5C
–0.085
–0.085
–0.08
–0.08
–0.075
–0.07
–0.065
–0.06
±0.055
±0.03
+0.03
0.038
0.038
0.045
0.05
2. TOLERANCE
The JEDEC type numbers shown indicate a tolerance of ±5%.
3. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8lead
length.
4. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac) =
0.1 IZ(dc) with the ac frequency = 60 Hz.
5. TEMPERATURE COEFFICIENT (qVZ) *
Test conditions for temperature coefficient are as follows:
A. IZT = 7.5 mA, T1 = 25°C, T2 = 125°C (1N5221B through 1N5242B)
B. IZT = Rated IZT, T1 = 25°C, T2 = 125°C (1N5243B through 1N5281B)
Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.
* For more information on special selections contact your nearest ON Semiconductor representative.
http://onsemi.com
2

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn