Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5246BRL Datasheet (PDF) 3 Page - ON Semiconductor

Part number 1N5246BRL
Description  16V, 0.5W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH, HERMETIC SEALED, GLASS, DO-35, 2 PIN
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

1N5246BRL Datasheet (HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
1N5221B Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, Based on dc measurements at thermal equilibrium; lead
length = 3/8; thermal resistance of heat sink = 30°C/W, VF = 1.1 V Max @ IF = 200 mA for all types) (continued)
Device
(Note 6.)
1N5236B
1N5237B
1N5238B
1N5239B
1N5240B
1N5241B
1N5242B
1N5243B
1N5244B
1N5245B
1N5246B
1N5247B
1N5248B
1N5249B
1N5250B
1N5251B
1N5252B
1N5253B
1N5254B
1N5255B
1N5256B
1N5257B
1N5258B
1N5259B
1N5260B
1N5261B
1N5262B
1N5263B
1N5264B
1N5265B
1N5266B
1N5267B
1N5268B
1N5269B
1N5270B
Device
Marking
1N5236B
1N5237B
1N5238B
1N5239B
1N5240B
1N5241B
1N5242B
1N5243B
1N5244B
1N5245B
1N5246B
1N5247B
1N5248B
1N5249B
1N5250B
1N5251B
1N5252B
1N5253B
1N5254B
1N5255B
1N5256B
1N5257B
1N5258B
1N5259B
1N5260B
1N5261B
1N5262B
1N5263B
1N5264B
1N5265B
1N5266B
1N5267B
1N5268B
1N5269B
1N5270B
Zener Voltage (Note 7.)
VZ (Volts)
Min Nom Max
@ IZT
mA
7.13
7.5
7.87
20
7.79
8.2
8.61
20
8.265
8.7 9.135
20
8.65
9.1
9.55
20
9.5
10
10.5
20
10.45
11
11.55
20
11.4
12
12.6
20
12.35
13
13.65
9.5
13.3
14
14.7
9
14.25
15
15.75 8.5
15.2
16
16.8
7.8
16.15
17
17.85
7.4
17.1
18
18.9
7
18.05
19
19.95
6.6
19
20
21
6.2
20.9
22
23.1
5.6
22.8
24
25.2
5.2
23.75
25
26.25
5.0
25.65
27
28.35
4.6
26.6
28
29.4
4.5
28.5
30
31.5
4.2
31.35
33
34.65
3.8
34.2
36
37.8
3.4
37.05
39
40.95
3.2
40.85
43
45.15
3.0
44.65
47
49.35
2.7
48.45
51
53.55
2.5
53.2
56
58.8
2.2
57
60
63
2.1
58.9
62
65.1
2.0
64.6
68
71.4
1.8
71.25
75
78.75
1.7
77.9
82
86.1
1.5
82.65
87
91.35
1.4
86.45
91
95.55
1.4
Zener Impedance (Note 8.)
ZZT @ IZT
W
ZZK @ IZK
W
mA
6
500
0.25
8
500
0.25
8
600
0.25
10
600
0.25
17
600
0.25
22
600
0.25
30
600
0.25
13
600
0.25
15
600
0.25
16
600
0.25
17
600
0.25
19
600
0.25
21
600
0.25
23
600
0.25
25
600
0.25
29
600
0.25
33
600
0.25
35
600
0.25
41
600
0.25
44
600
0.25
49
600
0.25
58
700
0.25
70
700
0.25
80
800
0.25
93
900
0.25
105
1000 0.25
125
1100 0.25
150
1300 0.25
170
1400 0.25
185
1400 0.25
230
1600 0.25
270
1700 0.25
330
2000 0.25
370
2200 0.25
400
2300 0.25
Leakage Current
IR @ VR
µA
Volts
3
6
3
6.5
3
6.5
3
7
3
8
2
8.4
1
9.1
0.5
9.9
0.1
10
0.1
11
0.1
12
0.1
13
0.1
14
0.1
14
0.1
15
0.1
17
0.1
18
0.1
19
0.1
21
0.1
21
0.1
23
0.1
25
0.1
27
0.1
30
0.1
33
0.1
36
0.1
39
0.1
43
0.1
46
0.1
47
0.1
52
0.1
56
0.1
62
0.1
68
0.1
69
qVZ
(Note 9.)
%/5C
0.058
0.062
0.065
0.068
0.075
0.076
0.077
0.079
0.082
0.082
0.083
0.084
0.085
0.086
0.086
0.087
0.088
0.089
0.090
0.091
0.091
0.092
0.093
0.094
0.095
0.095
0.096
0.096
0.097
0.097
0.097
0.098
0.098
0.099
0.099
6. TOLERANCE
The JEDEC type numbers shown indicate a tolerance of ±5%.
7. ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8lead
length.
8. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac) =
0.1 IZ(dc) with the ac frequency = 60 Hz.
9. TEMPERATURE COEFFICIENT (qVZ) *
Test conditions for temperature coefficient are as follows:
A. IZT = 7.5 mA, T1 = 25°C, T2 = 125°C (1N5221B through 1N5242B)
B. IZT = Rated IZT, T1 = 25°C, T2 = 125°C (1N5243B through 1N5281B)
Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.
* For more information on special selections contact your nearest ON Semiconductor representative.
http://onsemi.com
3

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn