Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF03N80ZH Datasheet (PDF) 1 Page - ON Semiconductor

Part number NDF03N80ZH
Description  2.1A, 800V, 4.5ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB, HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, TO-220, CASE 221AH, 3 PIN
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  
Logo ON Semiconductor

NDF03N80ZH Datasheet (HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
NDD03N80Z, NDF03N80Z
N‐Channel Power MOSFET
800 V, 4.5 W
Features
• ESD Diode−Protected Gate
• 100% Avalanche Tested
• 100% Rg Tested
• These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol NDD NDF Unit
Drain−to−Source Voltage
Continuous Drain Current RqJC
VDSS
ID
800
V
2.9
3.3
A
(Note 1)
Continuous Drain Current
RqJC, TA = 100°C
Pulsed Drain Current, VGS @ 10 V
Power Dissipation RqJC
Gate−to−Source Voltage
Single Pulse Avalanche Energy, ID =
2.5 A
ID
1.9
2.1
A
(Note 1)
IDM
12
13
A
PD
96
25
W
VGS
±30
V
EAS
100
mJ
ESD (HBM) (JESD22−A114)
RMS Isolation Voltage (t = 0.3 sec.,
R.H. ≤ 30%, TA = 25°C) (Figure 14)
Peak Diode Recovery (Note 2)
Vesd
VISO
dv/dt
2300
V
4500 V
4.5
V/ns
Continuous Source Current
(Body Diode)
IS
3.3
A
Maximum Temperature for Soldering
TL
Leads
260
°C
Operating Junction and
Storage Temperature Range
TJ, Tstg
−55 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Limited by maximum junction temperature
2. IS = 3.3 A, di/dt ≤ 100 A/ms, VDD ≤ BVDSS, TJ = +150°C
http://onsemi.com
V(BR)DSS
800 V
RDS(ON) MAX
4.5 W @ 10 V
N-Channel
D (2)
G (1)
S (3)
4
1
2
3
NDF03N80ZH
TO−220FP
CASE 221AH
1
2
3
NDD03N80Z−1G
IPAK
CASE 369D
4
12
3
NDD03N80ZT4G
DPAK
CASE 369AA
MARKING AND ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
© Semiconductor Components Industries, LLC, 2012
1
November, 2012 − Rev. 1
Publication Order Number:
NDD03N80Z/D

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn