Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF03N80ZH Datasheet (PDF) 3 Page - ON Semiconductor

Part number NDF03N80ZH
Description  2.1A, 800V, 4.5ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB, HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, TO-220, CASE 221AH, 3 PIN
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  
Logo ON Semiconductor

NDF03N80ZH Datasheet (HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
NDD03N80Z, NDF03N80Z
TYPICAL CHARACTERISTICS
3.0
VGS = 6.8 V to 10 V
2.5
6.6 V
6.4 V
5.0
VDS = 25 V
4.0
TJ = 25°C
2.0
TJ = −55°C
6.2 V
3.0
1.5
6.0 V
2.0
TJ = 150°C
1.0
5.8 V
0.5
5.0 V
5.2 V
5.6 V
1.0
5.4 V
0.0
0.0
0
5
10
15
20
25
1 2 3 4 5 6 7 8 9 10
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
12
11
ID = 1.2 A
10
TJ = 25°C
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Region versus Gate−to−Source
Voltage
7.0
VGS = 10 V
6.5 TJ = 25°C
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain
Current and Gate Voltage
2.75
2.50
2.25
ID = 1.2 A
VGS = 10 V
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
−50
−25 0 25 50 75 100 125 150
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
1.15
ID = 1 mA
1.10
1.05
1.00
0.95
0.90
−50 −25 0
25 50 75 100 125 150
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. BVDSS Variation with Temperature
http://onsemi.com
3

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn