Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF03N80ZH Datasheet (PDF) 7 Page - ON Semiconductor

Part number NDF03N80ZH
Description  2.1A, 800V, 4.5ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB, HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, TO-220, CASE 221AH, 3 PIN
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  
Logo ON Semiconductor

NDF03N80ZH Datasheet (HTML) 7 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
NDD03N80Z, NDF03N80Z
PACKAGE DIMENSIONS
TO220 FULLPACK, 3LEAD
CASE 221AH
ISSUE C
E
E/2
Q
1 23
A
P
0.14 M B A M
DC
L
L1
3X b2
e
3X b
0.25 M B A M C
H1
c
NOTES:
B
SEATING
PLANE
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
A
A1
3. CONTOUR UNCONTROLLED IN THIS AREA.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH
AND GATE PROTRUSIONS. MOLD FLASH AND GATE
PROTRUSIONS NOT TO EXCEED 0.13 PER SIDE. THESE
DIMENSIONS ARE TO BE MEASURED AT OUTERMOST
EXTREME OF THE PLASTIC BODY.
5. DIMENSION b2 DOES NOT INCLUDE DAMBAR
PROTRUSION. LEAD WIDTH INCLUDING PROTRUSION
NOTE 3
SHALL NOT EXCEED 2.00.
MILLIMETERS
DIM MIN MAX
A 4.30 4.70
A1 2.50 2.90
A2 2.50 2.70
b 0.54 0.84
b2 1.10 1.40
c 0.49 0.79
A2
D 14.70 15.30
E 9.70 10.30
e
2.54 BSC
H1 6.70 7.10
L 12.70 14.73
L1 --- 2.80
P 3.00 3.40
Q 2.80 3.20
V
S
T
SEATING
PLANE
B
R
4
A
123
K
IPAK
CASE 369D
ISSUE C
C
E
F
G
J
H
D 3 PL
0.13 (0.005) M T
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
INCHES MILLIMETERS
Z
DIM MIN MAX MIN MAX
A 0.235 0.245 5.97 6.35
B 0.250 0.265 6.35 6.73
C 0.086 0.094 2.19 2.38
D 0.027 0.035 0.69 0.88
E 0.018 0.023 0.46 0.58
F 0.037 0.045 0.94 1.14
G 0.090 BSC
2.29 BSC
H 0.034 0.040 0.87 1.01
J 0.018 0.023 0.46 0.58
K 0.350 0.380 8.89 9.65
R 0.180 0.215 4.45 5.45
S 0.025 0.040 0.63 1.01
V 0.035 0.050 0.89 1.27
Z 0.155 −−− 3.93 −−−
http://onsemi.com
7

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn