Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C3V9LT3 Datasheet (PDF) 4 Page - ON Semiconductor

Part number BZX84C3V9LT3
Description  3.9V, 0.225W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB, PLASTIC PACKAGE-3
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

BZX84C3V9LT3 Datasheet (HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
BZX84BxxxLT1, BZX84CxxxLT1 Series, SZBZX84BxxxLT1G, SZBZX84CxxxLT1G Series
ELECTRICAL CHARACTERISTICS BZX84BxxxL (Tight Tolerance Series)
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25°C unless otherwise noted, VF = 0.90 V Max. @ IF = 10 mA)
Device
Device
Marking
VZ (Volts) @ IZT = 5 mA
(Note 4)
Min Nom Max
ZZT (W) @
IZT = 5 mA
(Note 4)
Max
Max Reverse
Leakage
Current
IR
VR
@
mA
Volts
qVZ
(mV/k)
@ IZT = 5 mA
Min
Max
BZX84B4V7LT1, G
T10
4.61
4.7
4.79
80
3
2
3.5
0.2
SZ/BZX84B5V1LT1, G
T11
5.00
5.1
5.20
60
2
2
2.7
1.2
SZ/BZX84B5V6LT1, G
T12
5.49
5.6
5.71
40
1
2
2
2.5
SZ/BZX84B6V2LT1, G
T13
6.08
6.2
6.32
10
3
4
0.4
3.7
SZ/BZX84B6V8LT1, G
T14
6.66
6.8
6.94
15
2
4
1.2
4.5
SZ/BZX84B7V5LT1, G
T15
7.35
7.5
7.65
15
1
5
2.5
5.3
BZX84B8V2LT1, G
T16
8.04
8.2
8.36
15
0.7
5
3.2
6.2
BZX84B9V1LT1, G
T17
8.92
9.1
9.28
15
0.5
6
3.8
7
SZ/BZX84B12LT1, G
T18
11.8
12
12.2
25
0.1
8
6
10
BZX84B15LT1, G
T22
14.7
15
15.3
30
0.05
10.5
9.2
13
SZ/BZX84B16LT1, G
T19
15.7
16
16.3
40
0.05
11.2
10.4
14
BZX84B18LT1, G
T20
17.6
18
18.4
45
0.05
12.6
12.4
16
BZX84B22LT1, G
T24
21.6
22
22.4
55
0.05
15.4
16.4
20
BZX84B24LT1, G
T25
23.5
24
24.5
70
0.05
16.8
18.4
22
4. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
*The “G” suffix indicates PbFree package available.
C (pF)
@ VR =0,
f = 1 MHz
260
225
200
185
155
140
135
130
130
110
105
100
85
80
http://onsemi.com
4

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn