Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTES1N02 Datasheet (PDF) 1 Page - ON Semiconductor

Part number NTES1N02
Description  50mA, 20V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, SC-75, 3 PIN
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  
Logo ON Semiconductor

NTES1N02 Datasheet (HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
NTES1N02
Product Preview
Power MOSFET
50 mAmps, 20 Volts
N–Channel SC–75
• 2.5 V Gate Drive
• Low Threshold Voltage: Vth = 0.5 to 1.5 V
• High Speed
• Enhancement Mode
• Small Package
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol Value
Drain–to–Source Voltage
VDS
20
Gate–to–Source Voltage – Continuous
Drain Current
– Continuous @ TA = 25°C
VGSS
10
ID
50
Total Power Dissipation @ TA = 25°C
Channel Temperature
PD
100
Tch
150
Operating and Storage Temperature
Range
Tstg – 55 to
150
Unit
Vdc
Vdc
mAdc
mW
°C
°C
http://onsemi.com
50 mAMPS
20 VOLTS
RDS(on) = 10 W
N–Channel
3
1
3
1
2
SC–75/SOT–416
CASE 463
2 STYLE 1
MARKING
DIAGRAM
N02
D
N02 = Device Code
D
= Date Code
PIN ASSIGNMENT
3 Drain
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
Gate 1
2 Source
Top View
ORDERING INFORMATION
Device
Package
Shipping
NTES1N02
SC–75
3000 Tape & Reel
© Semiconductor Components Industries, LLC, 2001
1
January, 2001 – Rev. 0
Publication Order Number:
NTES1N02/D

Go To PDF Page Download Datasheet

Html Page

1  2  3  4 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn