Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTES1N02 Datasheet (PDF) 2 Page - ON Semiconductor

Part number NTES1N02
Description  50mA, 20V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, SC-75, 3 PIN
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  
Logo ON Semiconductor

NTES1N02 Datasheet (HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
NTES1N02
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 100 µA)
V(BR)DSS 20
Vdc
Drain Cut–off Current
(VDS = 20 Vdc, VGS = 0 Vdc)
IDSS
µAdc
1.0
Gate–Body Leakage Current (VGS = 10 Vdc, VDS = 0)
IGSS
1.0
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = 3.0 Vdc, ID = 0.1 mAdc)
Vth
Vdc
0.5
1.5
Drain–to–Source On–Resistance
(VGS = 2.5 Vdc, ID = 10 mAdc)
RDS(on)
5.0
10
Forward Transfer Admittance (VDS = 3.0 Vdc, ID = 10 mAdc)
YFS
20
mS
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 3.0 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
5.5
pF
Output Capacitance
(VDS = 3.0 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
25
Reverse Transfer Capacitance
(VDS = 3.0 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Crss
1.6
SWITCHING CHARACTERISTICS
Turn–On Delay Time
Turn–Off Delay Time
(VDD = 3.0 Vdc, ID = 10 mAdc,
VGS = 0 to 2.5 Vdc)
ton
0.14
µs
toff
0.14
http://onsemi.com
2

Go To PDF Page Download Datasheet

Html Page

1  2  3  4 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn