Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTES1N02 Datasheet (PDF) 3 Page - ON Semiconductor

Part number NTES1N02
Description  50mA, 20V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, SC-75, 3 PIN
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  
Logo ON Semiconductor

NTES1N02 Datasheet (HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
NTES1N02
PACKAGE DIMENSIONS
SC–75 (SC–90, SOT–416)
CASE 463–01
ISSUE B
–A–
S
2
3
1
D 3 PL
0.20 (0.008) M B
G –B–
K 0.20 (0.008) A
J
C
L
H
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
MILLIMETERS
INCHES
DIM MIN MAX MIN MAX
A 0.70 0.80 0.028 0.031
B 1.40 1.80 0.055 0.071
C 0.60 0.90 0.024 0.035
D 0.15 0.30 0.006 0.012
G
1.00 BSC
0.039 BSC
H --- 0.10 --- 0.004
J 0.10 0.25 0.004 0.010
K 1.45 1.75 0.057 0.069
L 0.10 0.20 0.004 0.008
S
0.50 BSC
0.020 BSC
STYLE 1:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
http://onsemi.com
3

Go To PDF Page Download Datasheet

Html Page

1  2  3  4 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn