Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063AM Datasheet (PDF) 11 Page - ON Semiconductor

Part number MC34063AM
Description  1.5A SWITCHING REGULATOR, 100kHz SWITCHING FREQ-MAX, PDSO8, EIAJ, PLASTIC, SO-8
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

MC34063AM Datasheet (HTML) 11 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
Device
MC33063AD
MC33063ADR2
MC33063AP1
MC33063AVD
MC33063AVDR2
MC33063AVP
MC34063AD
MC34063ADR2
MC34063AP1
MC34063BD
MC34063BDR2
MC34063AM
MC34063AMEL
MC34063AML1
MC34063AML2
MC34063AMR1
MC34063AMR2
PDIP–8
P, P1 SUFFIX
CASE 626
8
3x063AP1
AWL
YYWW
1
MC34063A, MC33063A
ORDERING INFORMATION
Package
SO–8
SO–8
DIP–8
SO–8
SO–8
DIP–8
SO–8
SO–8
DIP–8
SO–8
SO–8
SOEIAJ–8
SOEIAJ–8
SOEIAJ–8
SOEIAJ–8
SOEIAJ–8
SOEIAJ–8
Shipping
98 Units / Rail
2500 Units / Tape & Reel
50 Units / Rail
98 Units / Rail
2500 Units / Tape & Reel
50 Units / Rail
98 Units / Rail
2500 Units / Tape & Reel
50 Units / Rail
98 Units / Rail
2500 Units / Tape & Reel
94 Units / Rail
1000 Units / Tape & Reel
1000 Units / Tape & Reel
2000 Units / Tape & Reel
1000 Units / Tape & Reel
2000 Units / Tape & Reel
MARKING DIAGRAMS
PDIP–8
P, P1 SUFFIX
CASE 626
8
33063AVP
AWL
YYWW
1
SO–8
D SUFFIX
CASE 751
8
3x063
ALYWz
1
SO–8
D SUFFIX
CASE 751
8
34063
ALYWz
1
x
z
A
WL, L
YY, Y
WW, W
= 3 or 4
= A denotes AD suffix
J denotes BD suffix
= Assembly Location
= Wafer Lot
= Year
= Work Week
SOEIAJ–8
M SUFFIX
CASE 968
8
M063A
ALYW
1
http://onsemi.com
11

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn