Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063AM Datasheet (PDF) 13 Page - ON Semiconductor

Part number MC34063AM
Description  1.5A SWITCHING REGULATOR, 100kHz SWITCHING FREQ-MAX, PDSO8, EIAJ, PLASTIC, SO-8
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

MC34063AM Datasheet (HTML) 13 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
MC34063A, MC33063A
SOEIAJ–8
M SUFFIX
PLASTIC PACKAGE
CASE 968–01
ISSUE O
8
1
Z
D
e
5
E HE
4
LE
Q1
M°
L
DETAIL P
P
b
c
0.13 (0.005) M
0.10 (0.004)
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER
3. DIMENSION D AND E DO NOT INCLUDE MOLD
FLASH OR PROTRUSIONS AND ARE MEASURED AT
THE PARTING LINE. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
4. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5. THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT MINIMUM SPACE BETWEEN
PROTRUSIONS AND ADJACENT LEAD TO BE 0.46
(0.018).
MILLIMETERS
INCHES
DIM MIN MAX MIN MAX
A ---
A1 0.05
b 0.35
2.05 --- 0.081
0.20 0.002 0.008
0.50 0.014 0.020
c 0.18 0.27 0.007 0.011
D 5.10 5.50 0.201 0.217
E 5.10 5.45 0.201 0.215
e
1.27 BSC
0.050 BSC
HE 7.40 8.20 0.291 0.323
L 0.50
LE 1.10
0.85 0.020 0.033
1.50 0.043 0.059
M
0°
Q1 0.70
10°
0° 10°
0.90 0.028 0.035
Z --- 0.94 --- 0.037
http://onsemi.com
13

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn