Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063AM Datasheet (PDF) 2 Page - ON Semiconductor

Part number MC34063AM
Description  1.5A SWITCHING REGULATOR, 100kHz SWITCHING FREQ-MAX, PDSO8, EIAJ, PLASTIC, SO-8
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

MC34063AM Datasheet (HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
MC34063A, MC33063A
MAXIMUM RATINGS
Rating
Power Supply Voltage
Comparator Input Voltage Range
Switch Collector Voltage
Switch Emitter Voltage (VPin 1 = 40 V)
Switch Collector to Emitter Voltage
Driver Collector Voltage
Driver Collector Current (Note 1.)
Switch Current
Power Dissipation and Thermal Characteristics
Plastic Package, P, P1 Suffix
TA = 25°C
Thermal Resistance
SOIC Package, D Suffix
TA = 25°C
Thermal Resistance
Operating Junction Temperature
Operating Ambient Temperature Range
MC34063A
MC33063AV
MC33063A
Storage Temperature Range
1. Maximum package power dissipation limits must be observed.
2. ESD data available upon request.
Symbol
VCC
VIR
VC(switch)
VE(switch)
VCE(switch)
VC(driver)
IC(driver)
ISW
PD
RθJA
PD
RθJA
TJ
TA
Tstg
Value
40
–0.3 to +40
40
40
40
40
100
1.5
1.25
100
625
160
+150
0 to +70
–40 to +125
–40 to +85
–65 to +150
Unit
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
mA
A
W
°C/W
W
°C/W
°C
°C
°C
http://onsemi.com
2

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn