Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063AM Datasheet (PDF) 5 Page - ON Semiconductor

Part number MC34063AM
Description  1.5A SWITCHING REGULATOR, 100kHz SWITCHING FREQ-MAX, PDSO8, EIAJ, PLASTIC, SO-8
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

MC34063AM Datasheet (HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
MC34063A, MC33063A
8
180
7
Rsc
0.22
Vin
6
12 V
+
100
5
170 µH
L
1
SQ
R
Q2
Q1
Ipk
CT
Osc
VCC
+
- Comp.
1.25 V
Ref
Reg
2
1N5819
3
CT
1500
pF
4
R2
47 k
R1 2.2 k
Vout
28 V/175 mA
+
330 CO
1.0 µH
Vout
+
100
Optional Filter
Test
Line Regulation
Load Regulation
Output Ripple
Efficiency
Output Ripple With Optional Filter
Conditions
Vin = 8.0 V to 16 V, IO = 175 mA
Vin = 12 V, IO = 75 mA to 175 mA
Vin = 12 V, IO = 175 mA
Vin = 12 V, IO = 175 mA
Vin = 12 V, IO = 175 mA
Figure 7. Step–Up Converter
Results
30 mV = ±0.05%
10 mV = ±0.017%
400 mVpp
87.7%
40 mVpp
http://onsemi.com
5

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn