Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1SMB5916BT3 Datasheet (PDF) 1 Page - ON Semiconductor

Part number 1SMB5916BT3
Description  4.3V, 0.55W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AA, PLASTIC, CASE 403A-03, SMB, 2 PIN
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  
Logo ON Semiconductor

1SMB5916BT3 Datasheet (HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
1SMB59xxBT3G Series,
SZ1SMB59xxT3G Series
3 Watt Plastic
Surface Mount
Zener Voltage Regulators
This complete new line of 3 W Zener diodes offers the following
advantages.
Features
Zener Voltage Range − 3.3 V to 200 V
ESD Rating of Class 3 (> 16 kV) per Human Body Model
Flat Handling Surface for Accurate Placement
Package Design for Top Side or Bottom Circuit Board Mounting
AEC−Q101 Qualified and PPAP Capable − SZ1SMB59xxT3G
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
These are Pb−Free Devices*
Mechanical Characteristics:
CASE: Void-free, transfer-molded plastic
FINISH: All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
260°C for 10 Seconds
LEADS: Modified L−Bend providing more contact area to bond pads
POLARITY: Cathode indicated by polarity band
FLAMMABILITY RATING: UL 94 V−0
MAXIMUM RATINGS
Rating
Symbol Value Unit
Maximum Steady State Power
Dissipation @ TL = 75°C
Measured at Zero Lead Length
Derate Above 75°C
Thermal Resistance from Junction−to−Lead
Maximum Steady State Power
Dissipation @ TA = 25°C (Note )
Derate Above 25°C
Thermal Resistance from
Junction−to−Ambient
PD
RqJL
PD
RqJA
3.0
W
40 mW/°C
25 °C/W
550 mW
4.4 mW/°C
226 °C/W
Operating and Storage Temperature Range
TJ, Tstg −65 to °C
+150
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−4 board, using recommended footprint.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
www.onsemi.com
PLASTIC SURFACE MOUNT
ZENER VOLTAGE
REGULATOR DIODES
3.3−200 V, 3 W DC POWER
SMB
CASE 403A
PLASTIC
Cathode
Anode
MARKING DIAGRAM
AYWW
9xxB G
G
A = Assembly Location
Y = Year
WW = Work Week
9xxB = Device Code (Refer to page 3)
G = Pb−Free Package
(Note: Microdot may be in either location)
ORDERING INFORMATION
Device
Package
Shipping
1SMB59xxBT3G
SMB
(Pb−Free)
2,500 /
Tape & Reel
SZ1SMB59xxBT3G SMB
2,500 /
(Pb−Free) Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
DEVICE MARKING INFORMATION
See specific marking information in the device marking
column of the Electrical Characteristics table on page 3 of
this data sheet.
© Semiconductor Components Industries, LLC, 2016
1
April, 2016 − Rev. 9
Publication Order Number:
1SMB5913BT3/D

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn