Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1SMB5916BT3 Datasheet (PDF) 4 Page - ON Semiconductor

Part number 1SMB5916BT3
Description  4.3V, 0.55W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AA, PLASTIC, CASE 403A-03, SMB, 2 PIN
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  
Logo ON Semiconductor

1SMB5916BT3 Datasheet (HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
1SMB59xxBT3G Series, SZ1SMB59xxT3G Series
6
1K
5
500
4
300
200
3
TL
100
RECTANGULAR
NONREPETITIVE
WAVEFORM
TJ = 25°C PRIOR
TO INITIAL PULSE
2
50
30
1
20
TA
0
10
0
25
50
75
100
125
150
0.1 0.2 0.3 0.5 1 2 3 5 10 20 30 50 100
T, TEMPERATURE (°C)
PW, PULSE WIDTH (ms)
Figure 1. Steady State Power Derating
Figure 2. Maximum Surge Power
10
8
VZ @ IZT
6
4
2
0
-2
-4
2
4
6
8
10
VZ, ZENER VOLTAGE (VOLTS)
Figure 3. Zener Voltage − To 12 Volts
200
VZ @ IZT
100
70
50
30
20
10
12
10
20 30
50 70 100
200
VZ, ZENER VOLTAGE (VOLTS)
Figure 4. Zener Voltage − 14 To 200 Volts
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
01
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
2 3 4 5 6 7 8 9 10
0 10 20 30 40 50 60 70 80 90 100
VZ, ZENER VOLTAGE (VOLTS)
VZ, ZENER VOLTAGE (VOLTS)
Figure 5. VZ = 3.3 thru 10 Volts
Figure 6. VZ = 12 thru 82 Volts
www.onsemi.com
4

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn