Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF03N60ZH Datasheet (PDF) 3 Page - ON Semiconductor

Part number NDF03N60ZH
Description  Power MOSFET 600V 3A 3.6 Ohm Single N-Channel TO-220FP Optimized, TO-220 FULLPACK, 3-LEAD, 50-TUBE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

NDF03N60ZH Datasheet (HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
NDF03N60Z, NDD03N60Z
TYPICAL CHARACTERISTICS
4.0
3.5
7.0 V
4.0
VDS = 25 V
3.5
3.0
VGS = 10 V
2.5
6.5 V
3.0
2.5
2.0
6.0 V
2.0
1.5
1.5
TJ = 25°C
1.0
5.5 V
1.0
TJ = 150°C
0.5
0.5
TJ = 55°C
5.0 V
0.0
0.0
0.0
5.0
10.0
15.0
20.0
25.0
3
4
5
6
7
8
9
10
VDS, DRAINTOSOURCE VOLTAGE (V)
Figure 1. OnRegion Characteristics
VGS, GATETOSOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
5.00
4.75
4.50
4.25
4.00
3.75
3.50
ID = 1.2 A
TJ = 25°C
5.00
4.75
VGS = 10 V
TJ = 25°C
4.50
4.25
4.00
3.75
3.50
3.25
3.25
3.00
5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
VGS, GATETOSOURCE VOLTAGE (V)
Figure 3. OnRegion versus GatetoSource
Voltage
ID, DRAIN CURRENT (A)
Figure 4. OnResistance versus Drain
Current and Gate Voltage
2.50
2.25
2.00
ID = 1.2 A
VGS = 10 V
1.15
ID = 1 mA
1.10
1.75
1.05
1.50
1.25
1.00
1.00
0.75
0.95
0.50
0.25
50 25 0
0.90
25 50 75 100 125 150
50 25 0
25 50 75 100 125 150
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. OnResistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. BVDSS Variation with Temperature
www.onsemi.com
3

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn