Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF03N60ZH Datasheet (PDF) 4 Page - ON Semiconductor

Part number NDF03N60ZH
Description  Power MOSFET 600V 3A 3.6 Ohm Single N-Channel TO-220FP Optimized, TO-220 FULLPACK, 3-LEAD, 50-TUBE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

NDF03N60ZH Datasheet (HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
NDF03N60Z, NDD03N60Z
TYPICAL CHARACTERISTICS
10
TJ = 150°C
1.0
TJ = 125°C
0.10
0 50 100 150 200 250 300 350 400 450 500 550 600
VDS, DRAINTOSOURCE VOLTAGE (V)
Figure 7. DraintoSource Leakage Current
versus Voltage
700
650
600
550
500
450
400
350
300
250
200
150
100
50 Crss
0
05
TJ = 25°C
VGS = 0 V
f = 1 MHz
Ciss
Coss
10 15 20 25 30 35 40 45 50
VDS, DRAINTOSOURCE VOLTAGE (V)
Figure 8. Capacitance Variation
15.0
350
14.0
13.0
QT
300
12.0
11.0
10.0
VDS
250
9.0
8.0
7.0
QGS
6.0
QGD
VGS
200
150
5.0
4.0
VDS = 300 V
100
3.0
ID = 3 A
2.0
TJ = 25°C
50
1.0
0.0
0
0 1 2 3 4 5 6 7 8 9 10 11 12
Qg, TOTAL GATE CHARGE (nC)
Figure 9. GatetoSource Voltage and
DraintoSource Voltage versus Total Charge
1000
VDD = 300 V
ID = 3 A
VGS = 10 V
100
10.0
td(off)
tr
tf
td(on)
1.0
1
10
100
RG, GATE RESISTANCE (W)
Figure 10. Resistive Switching Time Variation
versus Gate Resistance
10.0
TJ = 150°C
1.0
125°C
25°C
55°C
0.1
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
VSD, SOURCETODRAIN VOLTAGE (V)
Figure 11. Diode Forward Voltage versus
Current
www.onsemi.com
4

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn