Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF04N60ZG Datasheet (PDF) 1 Page - ON Semiconductor

Part number NDF04N60ZG
Description  Power MOSFET 600V 4.8A 2.0 Ohm Single N-Channel TO-220FP, TO-220 3 LEAD FULLPAK, 50-TUBE
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

NDF04N60ZG Datasheet (HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
NDF04N60Z, NDD04N60Z
N-Channel Power MOSFET
600 V, 2.0 W
Features
Low ON Resistance
Low Gate Charge
ESD DiodeProtected Gate
100% Avalanche Tested
These Devices are PbFree, Halogen Free/BFR Free and are RoHS
Compliant
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Parameter
Symbol NDF NDD Unit
DraintoSource Voltage
VDSS
600
V
Continuous Drain Current RqJC (Note 1)
ID
4.8 4.1 A
Continuous Drain Current RqJC, TA =
100°C (Note 1)
ID
3.0 2.6 A
Pulsed Drain Current,
IDM
VGS @ 10V
Power Dissipation RqJC
PD
GatetoSource Voltage
VGS
Single Pulse Avalanche Energy, ID = 4.0 EAS
A
20
20
A
30
83 W
±30
V
120
mJ
ESD (HBM) (JESD22A114)
Vesd
3000
V
RMS Isolation Voltage
VISO
4500
V
(t = 0.3 sec., R.H. 30%, TA = 25°C)
(Figure 15)
Peak Diode Recovery (Note 2)
dV/dt
4.5
V/ns
MOSFET dV/dt
dV/dt
60
V/ns
Continuous Source Current
(Body Diode)
IS
4.0
A
Maximum Temperature for Soldering
TL
Leads
260
°C
Operating Junction and
Storage Temperature Range
TJ, Tstg
55 to 150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Limited by maximum junction temperature
2. ISD = 4.0 A, di/dt 100 A/ms, VDD BVDSS, TJ = +150°C
www.onsemi.com
VDSS (@ TJmax)
650 V
RDS(on) (MAX) @ 2 A
2.0 Ω
NChannel
D (2)
G (1)
S (3)
1
2
3
NDF04N60ZG,
NDF04N60ZH
TO220FP
CASE 221AH
4
4
1
23
NDD04N60Z1G
IPAK
CASE 369D
12
3
NDD04N60ZT4G
DPAK
CASE 369AA
ORDERING AND MARKING INFORMATION
See detailed ordering, marking and shipping information on
page 6 of this data sheet.
© Semiconductor Components Industries, LLC, 2015
1
May, 2017 Rev. 10
Publication Order Number:
NDF04N60Z/D

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn