Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF04N60ZG Datasheet (PDF) 3 Page - ON Semiconductor

Part number NDF04N60ZG
Description  Power MOSFET 600V 4.8A 2.0 Ohm Single N-Channel TO-220FP, TO-220 3 LEAD FULLPAK, 50-TUBE
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

NDF04N60ZG Datasheet (HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
NDF04N60Z, NDD04N60Z
TYPICAL CHARACTERISTICS
8
TJ = 25°C
6
VGS = 15 V
10 V
7V
6.8 V
6.6 V
4
6.4 V
6.2 V
2
6.0 V
5.8 V
0
5.6 V
0
5
10
15
20
25
VDS, DRAINTOSOURCE VOLTAGE (V)
Figure 1. OnRegion Characteristics
8
VDS 30 V
6
4
TJ = 150°C
TJ = 25°C
2
TJ = 55°C
0
3
4
5
6
7
8
VGS, GATETOSOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
3.5
3
ID = 2 A
TJ = 25°C
3
TJ = 25°C
2.5
2.5
2
VGS = 10 V
2
1.5
1.5
1
5
6
7
8
9
VGS (V)
Figure 3. OnResistance vs. Gate Voltage
2.6
ID = 2 A
VGS = 10 V
2
1
10
0.5
1
1.5
2
2.5
3
3.5
4
ID, DRAIN CURRENT (A)
Figure 4. OnResistance vs. Drain Current and
Gate Voltage
10,000
VGS = 0 V
1000
TJ = 150°C
1.4
0.8
0.2
50 25 0 25 50 75 100 125 150
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. OnResistance Variation with
Temperature
100
TJ = 100°C
10
0
100
200
300
400 500 600
VDS, DRAINTOSOURCE VOLTAGE (V)
Figure 6. DraintoSource Leakage Current
vs. Voltage
www.onsemi.com
3

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn