Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF04N60ZG Datasheet (PDF) 5 Page - ON Semiconductor

Part number NDF04N60ZG
Description  Power MOSFET 600V 4.8A 2.0 Ohm Single N-Channel TO-220FP, TO-220 3 LEAD FULLPAK, 50-TUBE
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

NDF04N60ZG Datasheet (HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
NDF04N60Z, NDD04N60Z
TYPICAL CHARACTERISTICS
10
50% (DUTY CYCLE)
1.0 20%
10%
5.0%
2.0%
0.1
1.0%
SINGLE PULSE
0.01
0.000001 0.00001
0.0001
0.001
0.01
0.1
1.0
PULSE TIME (s)
Figure 13. Thermal Impedance for NDF04N60Z
10
1.0 50% (DUTY CYCLE)
20%
10%
0.1 5.0%
2.0%
1.0%
0.01 SINGLE PULSE
0.001
0.000001 0.00001
0.0001
0.001
0.01
0.1
1.0
PULSE TIME (s)
Figure 14. Thermal Impedance for NDD04N60Z
RqJC = 4.2°C/W
Steady State
10
100
1000
RqJC = 1.5°C/W
Steady State
10
100
1000
LEADS
HEATSINK
0.110″ MIN
Figure 15. Mounting Position for Isolation Test
Measurement made between leads and heatsink with all leads shorted together.
*For additional mounting information, please download the ON Semiconductor
Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
www.onsemi.com
5

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn