Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF04N60ZG Datasheet (PDF) 7 Page - ON Semiconductor

Part number NDF04N60ZG
Description  Power MOSFET 600V 4.8A 2.0 Ohm Single N-Channel TO-220FP, TO-220 3 LEAD FULLPAK, 50-TUBE
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

NDF04N60ZG Datasheet (HTML) 7 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
NDF04N60Z, NDD04N60Z
PACKAGE DIMENSIONS
TO−220 FULLPACK, 3−LEAD
CASE 221AH
ISSUE F
E
E/2
Q
1 23
A
P
0.14 M B A M
DC
L
L1
3X b2
3X b
0.25 M B A M C
e
FRONT VIEW
SECTION D−D
B
SEATING
PLANE
A
H1
A1
NOTE 3
c
A2
SIDE VIEW
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. CONTOUR UNCONTROLLED IN THIS AREA.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH AND GATE
PROTRUSIONS. MOLD FLASH AND GATE PROTRUSIONS NOT TO
EXCEED 0.13 PER SIDE. THESE DIMENSIONS ARE TO BE
MEASURED AT OUTERMOST EXTREME OF THE PLASTIC BODY.
5. DIMENSION b2 DOES NOT INCLUDE DAMBAR PROTRUSION.
LEAD WIDTH INCLUDING PROTRUSION SHALL NOT EXCEED 2.00.
6. CONTOURS AND FEATURES OF THE MOLDED PACKAGE BODY
MAY VARY WITHIN THE ENVELOP DEFINED BY DIMENSIONS A1
AND H1 FOR MANUFACTURING PURPOSES.
MILLIMETERS
DIM MIN MAX
A 4.30 4.70
A1 2.50 2.90
A2 2.50 2.90
b 0.54 0.84
b2 1.10 1.40
c 0.49 0.79
D 14.70 15.30
E 9.70 10.30
e
2.54 BSC
H1 6.60 7.10
L 12.50 14.73
L1 --- 2.80
P 3.00 3.40
Q 2.80 3.20
A
NOTE 6
NOTE 6
H1
D
D
A
ALTERNATE CONSTRUCTION
SECTION A−A
www.onsemi.com
7

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn