Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF05N50ZG Datasheet (PDF) 1 Page - ON Semiconductor

Part number NDF05N50ZG
Description  Power MOSFET 500V 5A 1.5 Ohm Single N-Channel TO-220FP, TO-220 3 LEAD FULLPAK, 50-TUBE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

NDF05N50ZG Datasheet (HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
NDF05N50Z, NDD05N50Z
N-Channel Power MOSFET
500 V, 1.5 W
Features
• Low ON Resistance
• Low Gate Charge
• ESD Diode−Protected Gate
• 100% Avalanche Tested
• 100% Rg Tested
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol NDF NDD Unit
Drain−to−Source Voltage
Continuous Drain Current RqJC
VDSS
500
V
ID
5.5
4.7 A
(Note 1)
Continuous Drain Current
RqJC, TA = 100°C
Pulsed Drain Current, VGS @ 10 V
Power Dissipation RqJC
Gate−to−Source Voltage
Single Pulse Avalanche Energy, ID =
5.0 A
ID
3.5
3
A
(Note 1)
IDM
20
19 A
PD
30
83 W
VGS
±30
V
EAS
130
mJ
ESD (HBM) (JESD22−A114)
RMS Isolation Voltage (t = 0.3 sec.,
R.H. ≤ 30%, TA = 25°C) (Figure 17)
Peak Diode Recovery (Note 2)
Vesd
VISO
dV/dt
3000
4500
4.5
V
V
V/ns
MOSFET dV/dt
dV/dt
60
V/ns
Continuous Source Current
(Body Diode)
IS
5
A
Maximum Temperature for Soldering
TL
Leads
260
°C
Operating Junction and
Storage Temperature Range
TJ, Tstg
−55 to 150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Limited by maximum junction temperature
2. IS = 4.4 A, di/dt ≤ 100 A/ms, VDD ≤ BVDSS, TJ = +150°C
www.onsemi.com
VDSS
500 V
RDS(on) (MAX) @ 2.2 A
1.5 W
N−Channel
D (2)
G (1)
S (3)
1
2
3
NDF05N50ZG,
NDF05N50ZH
TO−220FP
CASE 221AH
4
4
1
2
3
NDD05N50Z−1G
IPAK
CASE 369D
12
3
NDD05N50ZT4G
DPAK
CASE 369AA
ORDERING AND MARKING INFORMATION
See detailed ordering, marking and shipping information on
page 7 of this data sheet.
© Semiconductor Components Industries, LLC, 2015
1
January, 2015 − Rev. 8
Publication Order Number:
NDF05N50Z/D

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn