Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF05N50ZG Datasheet (PDF) 2 Page - ON Semiconductor

Part number NDF05N50ZG
Description  Power MOSFET 500V 5A 1.5 Ohm Single N-Channel TO-220FP, TO-220 3 LEAD FULLPAK, 50-TUBE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

NDF05N50ZG Datasheet (HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
NDF05N50Z, NDD05N50Z
THERMAL RESISTANCE
Parameter
Symbol
Junction−to−Case (Drain)
NDF05N50Z
NDD05N50Z
RqJC
Junction−to−Ambient Steady State
(Note 3) NDF05N50Z
(Note 4) NDD05N50Z
(Note 3) NDD05N50Z−1
RqJA
3. Insertion mounted
4. Surface mounted on FR4 board using 1″ sq. pad size, (Cu area = 1.127 in sq [2 oz] including traces).
Value
4.2
1.5
50
38
80
Unit
°C/W
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage BVDSS
VGS = 0 V, ID = 1 mA
500
Breakdown Voltage Temperature Co- DBVDSS/
Reference to 25°C,
0.6
efficient
DTJ
ID = 1 mA
Drain−to−Source Leakage Current
IDSS
VDS = 500 V, VGS = 0 V
25°C
150°C
V
V/°C
1
mA
50
Gate−to−Source Forward Leakage
ON CHARACTERISTICS (Note 5)
Static Drain−to−Source
On−Resistance
IGSS
RDS(on)
VGS = ±20 V
VGS = 10 V, ID = 2.2 A
±10
mA
1.25
1.5
W
Gate Threshold Voltage
Forward Transconductance
DYNAMIC CHARACTERISTICS
Input Capacitance (Note 6)
Output Capacitance (Note 6)
Reverse Transfer Capacitance
(Note 6)
VGS(th)
gFS
Ciss
Coss
Crss
VDS = VGS, ID = 50 mA
VDS = 15 V, ID = 2.5 A
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
3.0
3.9
4.5
V
3.5
S
421
530
632
pF
50
68
80
8
15
25
Total Gate Charge (Note 6)
Qg
Gate−to−Source Charge (Note 6)
Qgs
Gate−to−Drain (“Miller”) Charge
Qgd
(Note 6)
VDD = 250 V, ID = 5 A,
VGS = 10 V
9
18.5
28
nC
2
4
6
5
10
15
Plateau Voltage
VGP
Gate Resistance
Rg
RESISTIVE SWITCHING CHARACTERISTICS
Turn−On Delay Time
td(on)
Rise Time
tr
Turn−Off Delay Time
td(off)
Fall Time
tf
VDD = 250 V, ID = 5 A,
VGS = 10 V, RG = 5 W
6.5
V
1.5
4.5
8
W
11
ns
15
24
14
SOURCE−DRAIN DIODE CHARACTERISTICS (TC = 25°C unless otherwise noted)
Diode Forward Voltage
VSD
IS = 5 A, VGS = 0 V
1.6
V
Reverse Recovery Time
Reverse Recovery Charge
trr
VGS = 0 V, VDD = 30 V
Qrr
IS = 5 A, di/dt = 100 A/ms
255
ns
1.25
mC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Pulse Width ≤ 380 ms, Duty Cycle ≤ 2%.
6. Guaranteed by design.
www.onsemi.com
2

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn