Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF05N50ZG Datasheet (PDF) 3 Page - ON Semiconductor

Part number NDF05N50ZG
Description  Power MOSFET 500V 5A 1.5 Ohm Single N-Channel TO-220FP, TO-220 3 LEAD FULLPAK, 50-TUBE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

NDF05N50ZG Datasheet (HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
NDF05N50Z, NDD05N50Z
TYPICAL CHARACTERISTICS
10.0
9.0
8.0
7.0
VGS = 8 V to 10 V
7.0 V
10.0
9.0
8.0
7.0
VDS = 25 V
6.0
6.5 V
6.0
5.0
5.0
TJ = 25°C
4.0
3.0
6.0 V
4.0
TJ = 150°C
3.0
TJ = 55°C
2.0
2.0
1.0
5.5 V
1.0
0.0
5.0 V
0.0
0
5
10
15
20
25
3
4
5
6
7
8
9
10
VDS, DRAINTOSOURCE VOLTAGE (V)
VGS, GATETOSOURCE VOLTAGE (V)
Figure 1. OnRegion Characteristics
Figure 2. Transfer Characteristics
2.50
2.25
ID = 2.2 A
TJ = 25°C
2.500
2.250
VGS = 10 V
TJ = 25°C
2.00
2.000
1.75
1.750
1.50
1.500
1.25
1.250
1.00
1.000
5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VGS, GATETOSOURCE VOLTAGE (V)
Figure 3. OnRegion versus GatetoSource
Voltage
ID, DRAIN CURRENT (A)
Figure 4. OnResistance versus Drain
Current and Gate Voltage
2.75
2.50
2.25
ID = 2.2 A
VGS = 10 V
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
50 25 0
25 50 75 100 125 150
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. OnResistance Variation with
Temperature
1.15
1.10
ID = 1 mA
1.05
1.00
0.95
0.90
50 25 0
25 50 75 100 125 150
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. BVDSS Variation with Temperature
www.onsemi.com
3

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn