Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF05N50ZH Datasheet (PDF) 5 Page - ON Semiconductor

Part number NDF05N50ZH
Description  Power MOSFET 500V 5A 1.5 Ohm Single N-Channel TO-220FP Optimized, TO-220 FULLPACK, 3-LEAD, 50-TUBE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

NDF05N50ZH Datasheet (HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
NDF05N50Z, NDD05N50Z
TYPICAL CHARACTERISTICS
100
VGS ≤ 30 V
SINGLE PULSE
10 TC = 25°C
1
100 ms
1 ms
10 ms
dc
10 ms
100
VGS v 30 V
SINGLE PULSE
10 TC = 25°C
1
100 ms 10 ms
1 ms
10 ms
dc
0.1
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.01
0.1
1
10
100
1000
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 12. Maximum Rated Forward Biased
Safe Operating Area NDF05N50Z
10
0.1
0.01
0.1
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
1
10
100
1000
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 13. Maximum Rated Forward Biased
Safe Operating Area NDD05N50Z
50% (DUTY CYCLE)
1 20%
10%
5.0%
2.0%
0.1
1.0%
SINGLE PULSE
0.01
1E−06
1E−05
1E−04
1E−03
1E−02
1E−01
1E+00
1E+01
PULSE TIME (s)
Figure 14. Thermal Impedance (Junction−to−Case) for NDF05N50Z
10
RqJA = 4.2°C/W
Steady State
1E+02 1E+03
1 50% (DUTY CYCLE)
20%
10%
0.1 5.0%
2.0%
1.0%
SINGLE PULSE
0.01
1E−06
1E−05
1E−04
1E−03
1E−02
1E−01
1E+00
1E+01
PULSE TIME (s)
Figure 15. Thermal Impedance (Junction−to−Case) for NDD05N50Z
RqJC = 1.5°C/W
Steady State
1E+02 1E+03
www.onsemi.com
5

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn