Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NDF05N50ZH Datasheet (PDF) 6 Page - ON Semiconductor

Part number NDF05N50ZH
Description  Power MOSFET 500V 5A 1.5 Ohm Single N-Channel TO-220FP Optimized, TO-220 FULLPACK, 3-LEAD, 50-TUBE
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  ON Semiconductor
Direct Link  http://www.onsemi.com/PowerSol...
Logo ON Semiconductor

NDF05N50ZH Datasheet (HTML) 6 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
NDF05N50Z, NDD05N50Z
TYPICAL CHARACTERISTICS
100
10 50% (DUTY CYCLE)
20%
10%
1 5.0%
2.0%
1.0%
0.1
0.01
1E06
SINGLE PULSE
1E05
1E04
1E03
1E02
1E01
1E+00
1E+01
PULSE TIME (s)
Figure 16. Thermal Impedance (JunctiontoAmbient) for NDD05N50Z
LEADS
RqJA = 38°C/W
Steady State
1E+02 1E+03
HEATSINK
0.110MIN
Figure 17. Isolation Test Diagram
Measurement made between leads and heatsink with all leads shorted together.
*For additional mounting information, please download the ON Semiconductor
Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
www.onsemi.com
6

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn