Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM1403ATMQ6F Datasheet (PDF) 18 Page - STMicroelectronics

Part number STM1403ATMQ6F
Description  1-CHANNEL POWER SUPPLY SUPPORT CKT, QCC16, 3 X 3 MM, LEAD FREE, QFN-16
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  STMicroelectronics
Direct Link  
Logo STMicroelectronics

STM1403ATMQ6F Datasheet (HTML) 18 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
Typical operating characteristics
5
Typical operating characteristics
STM1403
Note:
Typical values are at TA = 25 °C.
Figure 11. VBAT -to-VOUT on-resistance vs. temperature
220
200
180
160
140
120
100
–60
VCC = 0V
–40
–20
VBAT = 2V
VBAT = 3V
0
20
40
60
80
TEMPERATURE [°C]
VBAT = 3.3V
100
120
140
AI09691
Figure 12. Supply current vs. temperature (no load)
30
25
20
2.5V
15
3.3V
3.6V
10
5
0
–50 –40 –30 –20 –10 0 10 20 30 40 50 60 70 80 90 100
TEMPERATURE [°C]
AI09692
18/34
Doc ID 13232 Rev 6

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn