Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063ABN Datasheet (PDF) 12 Page - STMicroelectronics

Part number MC34063ABN
Description  DC-DC CONVERTER CONTROL CIRCUITS
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  STMicroelectronics
Direct Link  http://www.st.com/content/st_c...
Logo STMicroelectronics

MC34063ABN Datasheet (HTML) 12 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
Typical application circuit
MC34063AB, MC34063AC, MC34063EB, MC34063EC
Figure 17. Voltage inverting converter
Figure 18. Printed evaluation board
PIN 1 = VOUT
PIN 2 = GND
PIN 3 = GND
PIN 4 = VIN
Test
Line regulation
Load regulation
Output ripple
Efficiency
ISC
Table 11. Test condition (VOUT = 12 V)
Conditions
Value (typ.)
Unit
VIN = 4.5 to 6 V, IO = 100 mA
VIN = 5 V, IO = 10 to 100 mA
VIN = 5 V, IO = 100 mA
VIN = 5 V, IO = 100 mA
VIN = 5 V, RLOAD = 0.1 
15
mV
20
mV
230
mV
58
%
0.9
A
12/23
DocID5257 Rev 11

Go To PDF Page Download Datasheet

Html Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn