Electronic Components Datasheet Search
  English ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

26MHZCFPT-123GP Datasheet (PDF) 2 Page - IQD Frequency Products

Part number 26MHZCFPT-123GP
Description  TCVCXO, CLIPPED SINE OUTPUT, 26 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Manufacturer  IQD Frequency Products
Direct Link  
Logo IQD Frequency Products

26MHZCFPT-123GP Datasheet (HTML) 2 Page - IQD Frequency Products

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
Electrical Specifications - maximum limiting values when measured in test circuit
Frequency Range Supply Voltage
Supply Current
Voltage Control
Change
Output Waveform
Output
10.0 to 26.0MHz
3.0V±0.15V
2.5mA
±5.0ppm min. /1.5V±1.0V
Clipped Sine 0.8V pk-pk min
Model
Number
CFPT-123
Frequency Stabilities Available Over Operating Temperature Ranges
Operating
Temperature
Ranges
±1.5ppm
Frequency Stabilities Vs Operating Temperature Range
±2.0ppm
±2.5ppm
0 to 50°C
CP
GP
HP
–10 to 60°C
CR
GR
HR
–20 to 70°C
—
GS
HS
–30 to 80°C
—
GV
HV*
–30 to 85°C
—
—
HW
–40 to 85°C
—
—
HX
*Please note Code HV is the standard frequency stability vs operating temperature range
Ordering Example
12.8MHz
CFPT-123 HV
Frequency
Model number
Frequency Stability Vs Operating Temperature Code
Note. Other frequencies may be available, please contact our sales office.
±5.0ppm
KP
KR
KS
KV
KW
KX
Outline in mm - Tape
4.0
2.0
∅1.5
5.56
8.0
Outline in mm - Reel
20.20
16.40
2.16

Go To PDF Page Download Datasheet

Html Page

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn